Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FALXT972MCCA4 Datasheet(PDF) 86 Page - Intel Corporation

Part # FALXT972MCCA4
Description  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FALXT972MCCA4 Datasheet(HTML) 86 Page - Intel Corporation

Back Button FALXT972MCCA4 Datasheet HTML 82Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 83Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 84Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 85Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 86Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 87Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 88Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 89Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 90Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
86
Datasheet
Document Number: 302875-005
Revision Date: 27-Oct-2005
Table 53 lists status change bits.
Table 53. Status Change Register - Address 19, Hex 13
Bit
Name
Description
Type 1
Default
19.15:9
Reserved
Ignore on Read.
RO
N/A
19.8
Reserved
Ignore on Read.
RO
0
19.7
ANDONE
Auto-negotiation Status
0 = Auto-negotiation has not completed.
1 = Auto-negotiation has completed.
RO/
SC
N/A
19.6
SPEEDCHG
Speed Change Status
0 = A Speed Change has not occurred since last
reading this register.
1 = A Speed Change has occurred since last
reading this register.
RO/
SC
0
19.5
DUPLEXCHG
Duplex Change Status
0 = A Duplex Change has not occurred since last
reading this register.
1 = A Duplex Change has occurred since last
reading this register.
RO/
SC
0
19.4
LINKCHG
Link Status Change Status
0 = A Link Change has not occurred since last
reading this register.
1 = A Link Change has occurred since last reading
this register.
RO/
SC
0
19.3
Reserved
Ignore on Read.
RO
0
19.2
Reserved
Ignore on Read.
RO
0
19.1
Reserved
Ignore on Read.
RO
0
19.0
Reserved
Ignore on Read.
RO
0
1. R/W = Read/Write, RO = Read Only, SC = Self Clearing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com