Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FALXT972MCCA4 Datasheet(PDF) 84 Page - Intel Corporation

Part # FALXT972MCCA4
Description  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FALXT972MCCA4 Datasheet(HTML) 84 Page - Intel Corporation

Back Button FALXT972MCCA4 Datasheet HTML 80Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 81Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 82Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 83Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 84Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 85Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 86Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 87Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 88Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
84
Datasheet
Document Number: 302875-005
Revision Date: 27-Oct-2005
Table 51 lists configuration bits.
Table 51. Configuration Register - Address 16, Hex 10
Bit
Name
Description
Type 1
Default
16.15
Reserved
Write as ‘0’. Ignore on Read.
R/W
0
16.14
Force Link Pass
0 = Normal operation
1 = Force Link pass
R/W
0
16.13
Transmit Disable
0 = Normal operation
1 = Disable Twisted Pair transmitter
R/W
0
16.12
Bypass Scrambler
(100BASE-TX)
0 = Normal operation
1 = Bypass Scrambler and Descrambler
R/W
0
16.11
Reserved
Write as ‘0’. Ignore on Read.
R/W
0
16.10
Jabber
(10BASE-T)
0 = Normal operation
1 = Disable Jabber Correction
R/W
0
16.9
SQE
(10BASE-T)
0 = Disable Heart Beat
1 = Enable Heart Beat
R/W
0
16.8
TP Loopback
(10BASE-T)
0 = Normal operation
1 = Disable TP loopback during half-duplex
operation
R/W
0
16.7
CRS Select
(10BASE-T)
0 = Normal Operation
1 = CRS deassert extends to RX_DV deassert
R/W
1
16.6
Reserved
Write as ‘0’. Ignore on Read.
R/W
0
16.5
PRE_EN
Preamble Enable.
0 = Set RX_DV high coincident with SFD.
1 = Set RX_DV high and RXD = preamble when
CRS is asserted.
NOTE: Preamble is always enabled in 100 Mbps
operation.
R/W
0
16.4:3
Reserved
Write as ‘0’. Ignore on Read.
R/W
00
16.2
Reserved
Write as ‘0’. Ignore on Read.
R/W
0
16.1
Alternate NP
feature
0 = Disable alternate auto negotiate next page
feature.
1 = Enable alternate auto negotiate next page
feature.
This bit enables or disables the register bit 6.5
capability.
R/W
0
16.0
Reserved
Write as ‘0’. Ignore on Read.
R/W
0
1. R/W = Read /Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com