Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FALXT972MCCA4 Datasheet(PDF) 63 Page - Intel Corporation

Part # FALXT972MCCA4
Description  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FALXT972MCCA4 Datasheet(HTML) 63 Page - Intel Corporation

Back Button FALXT972MCCA4 Datasheet HTML 59Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 60Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 61Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 62Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 63Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 64Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 65Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 66Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 67Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
Datasheet
63
Document Number: 302875-005
Revision Date: 27-Oct-2005
Table 25 lists the I/O characteristics for the REFCLK/XI and XO pins.
Table 26 lists the I/O characteristics for the LXT972M Transceiver LED/CFG pins.
Table 25. I/O Characteristics - REFCLK/XI and XO Pins
Parameter
Symbol
Min
Typ1
Max
Units
Test Conditions
Input Low Voltage
VIL
––
0.8
V
–
Input High Voltage
VIH
2.0
–
–
V
–
Input Clock Frequency Tolerance2
Δf–
–
±100 ppm
–
Input Clock Duty Cycle
2
Tdc
35
–
65
%
–
Input Capacitance
CIN
–
3.0–pF
–
1. Typical values are at 25 °C and are for design aid only, not guaranteed, and not subject to production
testing.
2. Parameter is guaranteed by design and not subject to production testing.
Table 26. I/O Characteristics - LED/CFG Pins
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions
Input Low Voltage
VIL
––
0.8
V
–
Input High Voltage
VIH
2.0
–
–
V
–
Input Current
II
-10
–
10
μA0 < VI < VCCIO
Output Low Voltage
VOL
––
0.4
V
IOL = 10 mA
Output High Voltage
VOH
2.0
–
–
V
IOH = -10 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com