Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FALXT972MCCA4 Datasheet(PDF) 56 Page - Intel Corporation

Part # FALXT972MCCA4
Description  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FALXT972MCCA4 Datasheet(HTML) 56 Page - Intel Corporation

Back Button FALXT972MCCA4 Datasheet HTML 52Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 53Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 54Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 55Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 56Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 57Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 58Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 59Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 60Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
56
Datasheet
Document Number: 302875-005
Revision Date: 27-Oct-2005
5.10.4
Boundary Scan Register
Each Boundary Scan Register (BSR) cell has two stages. A flip-flop and a latch are used for the
serial shift stage and the parallel output stage. Table 17 lists the four BSR modes of operation.
5.10.5
Device ID Register
Table 18 lists the bits for the Device ID register. For the current version of the JEDEC continuation
characters, see the specification update for the LXT972M Transceiver.
Table 17. BSR Mode of Operation
Mode
Description
1Capture
2Shift
3
Update
4
System Function
Table 18. Device ID Register for Intel
® LXT972M Transceiver
Bits 31:28
Bits 27:12
Bits 11:8
Bits 7:1
Bit 0
Version
Part ID (Hex)
JEDEC Continuation Characters
JEDEC ID
1
Reserved
XXXX
03CB
0000
111 1110
1
1. The JEDEC ID is an 8-bit identifier. The MSB is for parity and is ignored. The Intel JEDEC ID is FE
(1111 1110), which becomes 111 1110.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com