Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FALXT972MCCA4 Datasheet(PDF) 71 Page - Intel Corporation

Part # FALXT972MCCA4
Description  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FALXT972MCCA4 Datasheet(HTML) 71 Page - Intel Corporation

Back Button FALXT972MCCA4 Datasheet HTML 67Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 68Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 69Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 70Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 71Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 72Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 73Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 74Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 75Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
Datasheet
71
Document Number: 302875-005
Revision Date: 27-Oct-2005
Figure 28. Intel® LXT972M Transceiver Auto-Negotiation and Fast Link Pulse Timing
Figure 29. Intel® LXT972M Transceiver Fast Link Pulse Timing
Table 36. Intel® LXT972M Transceiver Auto-Negotiation / Fast Link Pulse Timing
Parameter
Symbol
Min
Typ
1
Max
Units
Test Conditions
Clock/Data pulse width
t1
–
100
–
ns
–
Clock pulse to Data pulse
t2
55.5
–
63.8
μs–
Clock pulse to Clock pulse
t3
123
–
127
μs–
FLP burst width
t4
–
2
–
ms
–
FLP burst to FLP burst
t5
8
12
24
ms
–
Clock/Data pulses per burst
–
17
–
33
Each clock
pulse or data
pulse
–
1. Typical values are at 25 °C and are for design aid only, not guaranteed, and not subject to production
testing.
TPOP
t1
t1
t2
t3
Clock Pulse
Data Pulse
Clock Pulse
B3464-01
t4
t5
FLP Burst
FLP Burst
TPOP
B3465-01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com