Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FALXT972MCCA4 Datasheet(PDF) 24 Page - Intel Corporation

Part # FALXT972MCCA4
Description  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FALXT972MCCA4 Datasheet(HTML) 24 Page - Intel Corporation

Back Button FALXT972MCCA4 Datasheet HTML 20Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 21Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 22Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 23Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 24Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 25Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 26Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 27Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 28Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
24
Datasheet
Document Number: 302875-005
Revision Date: 27-Oct-2005
5.2.1.1
Twisted-Pair Interface
The LXT972M Transceiver supports either 100BASE-TX or 10BASE-T connections over 100
Ω,
Category
5, Unshielded Twisted Pair (UTP) cable. When operating at 100 Mbps, the LXT972M
Transceiver continuously transmits and receives MLT3 symbols. When not transmitting data, the
LXT972M Transceiver generates “IDLE” symbols.
During 10 Mbps operation, Manchester-encoded data is exchanged. When no data is being
exchanged, the line is left in an idle state. Link pulses are transmitted periodically to keep the link
up.
Only a transformer, RJ-45 connector, load resistor, and bypass capacitors are required to complete
this interface. On the transmit side, the LXT972M Transceiver has an active internal termination
and does not require external termination resistors. Intel's patented waveshaping technology shapes
the outgoing signal to help reduce the need for external EMI filters. Four slew rate settings allow
the designer to match the output waveform to the magnetic characteristics. On the receive side, the
internal impedance is high enough that it has no practical effect on the external termination circuit.
(For the slew rate settings, see Table 56, “Transmit Control Register - Address 30, Hex 1E” on
page 89.)
Note:
On the LXT972M Transceiver, MDIX crossover (MDIX) is supported by board design.
5.2.1.2
Remote Fault Detection and Reporting
The LXT972M Transceiver supports the remote fault detection and reporting mechanisms.
“Remote Fault” refers to a MAC-to-MAC communication function that is transparent to PHY layer
devices. It is used only during auto-negotiation, and is applicable only to twisted-pair links.
Remote Fault Detection. Register bit 4.13 in the Auto-Negotiation Advertisement Register is
reserved for Remote Fault indications. It is typically used when re-starting the auto-negotiation
sequence to indicate to the link partner that the link is down because the advertising device
detected a local fault.
When the LXT972M Transceiver receives a Remote Fault indication from its partner during auto-
negotiation, the following occurs:
• Register bit 5.13 in the Link Partner Base Page Ability Register is set.
• Remote Fault Register bit 1.4 in the MII Status Register is set to pass this information to the
local controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com