Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FALXT972MCCA4 Datasheet(PDF) 81 Page - Intel Corporation

Part # FALXT972MCCA4
Description  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FALXT972MCCA4 Datasheet(HTML) 81 Page - Intel Corporation

Back Button FALXT972MCCA4 Datasheet HTML 77Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 78Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 79Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 80Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 81Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 82Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 83Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 84Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 85Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
Datasheet
81
Document Number: 302875-005
Revision Date: 27-Oct-2005
Table 47 lists auto-negotiation expansion bits.
Table 47. Auto-Negotiation Expansion - Address 6, Hex 6
Bit
Name
Description
Type 1
Default
6.15:6
Reserved
Ignore when read.
RO
0
6.5
Base Page
This bit indicates the status of the auto-negotiation
variable base page. It flags synchronization with the
auto-negotiation state diagram, allowing detection of
interrupted links. This bit is used only if Register bit
16.1 (that is, Alternate NP feature) is set.
0 = Base page = False (base page not received)
1 = Base page = True (base page received)
RO/LH
0
6.4
Parallel
Detection Fault
0 = Parallel detection fault has not occurred.
1 = Parallel detection fault has occurred.
RO/LH
0
6.3
Link Partner
Next Page Able
0 = Link partner is not next page able.
1 = Link partner is next page able.
RO
0
6.2
Next Page Able
0 = Local device is not next page able.
1 = Local device is next page able.
RO
1
6.1
Page Received
This bit is cleared on Read. If Register bit 16.1 is set,
the Page Received bit is also cleared when either
mr_page_rx = false or transmit_disable = true.
1 = Indicates a new page is received and the received
code word is loaded into Register 5 (Base Pages)
or Register 8 (Next Pages) as specified in Clause
28 of IEEE 802.3.
RO/LH
0
6.0
Link Partner A/N
Able
0 = Link partner is not auto-negotiation able.
1 = Link partner is auto-negotiation able.
RO
0
1. RO = Read Only LH = Latching High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com