Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FALXT972MCCA4 Datasheet(PDF) 51 Page - Intel Corporation

Part # FALXT972MCCA4
Description  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FALXT972MCCA4 Datasheet(HTML) 51 Page - Intel Corporation

Back Button FALXT972MCCA4 Datasheet HTML 47Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 48Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 49Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 50Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 51Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 52Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 53Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 54Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 55Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
Datasheet
51
Document Number: 302875-005
Revision Date: 27-Oct-2005
5.8.4
10BASE-T Link Integrity Test
In 10BASE-T mode, the LXT972M Transceiver always transmits link pulses.
• If the Link Integrity Test function is enabled (the normal configuration), the LXT972M
Transceiver monitors the connection for link pulses. Once link pulses are detected, data
transmission is enabled and remains enabled as long as either the link pulses or data
transmission continue. If the link pulses stop, the data transmission is disabled.
• If the Link Integrity Test function is disabled (which can be done by setting Configuration
Register bit 16.14 to ‘1’), the LXT972M Transceiver transmits to the connection regardless of
detected link pulses.
5.8.5
Link Failure
Link failure occurs if the Link Integrity Test is enabled and link pulses or packets stop being
received. If this condition occurs, the LXT972M Transceiver returns to the auto-negotiation phase
if auto-negotiation is enabled. If the Link Integrity Test function is disabled by setting
Configuration Register bit 16.14 to ‘1’, the LXT972M Transceiver transmits packets, regardless of
link status.
5.8.6
10BASE-T SQE (Heartbeat)
By default, the Signal Quality Error (SQE) or heartbeat function is disabled on the LXT972M
Transceiver. To enable this function, set Register bit 16.9 = 1. When this function is enabled, the
LXT972M Transceiver asserts its COL output for 5 to 15 bit times (BT) after each packet.
5.8.7
10BASE-T Jabber
If a transmission exceeds the jabber timer, the LXT972M Transceiver disables the transmit and
loopback functions. For jabber timing parameters, see Figure 26, “Intel® LXT972M Transceiver
10BASE-T Jabber and Unjabber Timing” on page 69.
The LXT972M Transceiver automatically exits jabber mode after the unjabber time has expired.
This function can be disabled by setting Register bit 16.10 = 1.
5.8.8
10BASE-T Polarity Correction
The LXT972M Transceiver automatically detects and corrects for the condition in which the
receive signal (TPIP/N) is inverted. Reversed polarity is detected if eight inverted link pulses - or
four inverted end-of-frame (EOF) markers - are received consecutively. If link pulses or data are
not received by the maximum receive time-out period (96 to 128 ms), the polarity state is reset to a
non-inverted state. When polarity reversal is detected in 10BASE-T operation, register 17.5 is set
to 1. (For details, see bit 17.5 in Table 52, “Status Register #2 - Address 17, Hex 11” on page 85.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com