Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FALXT972MCCA4 Datasheet(PDF) 65 Page - Intel Corporation

Part # FALXT972MCCA4
Description  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FALXT972MCCA4 Datasheet(HTML) 65 Page - Intel Corporation

Back Button FALXT972MCCA4 Datasheet HTML 61Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 62Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 63Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 64Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 65Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 66Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 67Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 68Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 69Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
Datasheet
65
Document Number: 302875-005
Revision Date: 27-Oct-2005
7.2
Timing Diagrams
Figure 22. Intel® LXT972M Transceiver 100BASE-TX Receive Timing
Table 30. Intel® LXT972M Transceiver 100BASE-TX Receive Timing Parameters
Parameter
Sym
Min
Typ
1
Max
Units
2
Test Conditions
RXD[3:0], RX_DV, RX_ER
3 setup to
RX_CLK High
t1
10
–
–
ns
–
RXD[3:0], RX_DV, RX_ER hold
from RX_CLK High
t2
10
–
–
ns
–
CRS asserted to RXD[3:0], RX_DV
t3
3
–
5
BT
–
Receive start of “J” to CRS asserted
t4
12
–
16
BT
–
Receive start of “T” to CRS de-asserted
t5
10
–
17
BT
–
Receive start of “J” to COL asserted
t6
16
–
22
BT
–
Receive start of “T” to COL de-asserted
t7
17
–
20
BT
–
1. Typical values are at 25 °C and are for design aid only, not guaranteed, and not subject to production
testing.
2. BT (Bit Time) is the duration of one bit as transferred to and from the MAC and is the reciprocal of the bit
rate. 100BASE-T bit time = 10
-8 s or 10 ns.
3. RX_ER is not shown in the figure.
t4
t5
t3
t6
t7
0 ns
250 ns
CRS
RX_DV
RXD[3:0]
RX_CLK
COL
t1
t2
TPI
B3492-03
Note: Timing diagram depicts 4B mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com