Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FALXT972MCCA4 Datasheet(PDF) 75 Page - Intel Corporation

Part # FALXT972MCCA4
Description  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FALXT972MCCA4 Datasheet(HTML) 75 Page - Intel Corporation

Back Button FALXT972MCCA4 Datasheet HTML 71Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 72Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 73Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 74Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 75Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 76Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 77Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 78Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 79Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
Datasheet
75
Document Number: 302875-005
Revision Date: 27-Oct-2005
8.0
Register Definitions - IEEE Base Registers
This chapter includes definitions for the IEEE base registers used by the LXT972M Transceiver.
Chapter 9.0, “Register Definitions - Product-Specific Registers” includes definitions of additional
product-specific LXT972M Transceiver registers, which are defined in accordance with the IEEE
802.3 standard for adding unique device functions.
The LXT972M Transceiver register set has multiple 16-bit registers.
• Table 40 is a register set listing of the IEEE base registers.
• Table 41 through Table 49 provide bit descriptions of the base registers (address 0 through 8),
which are defined in accordance with the “Reconciliation Sublayer and Media Independent
Interface” and “Physical Layer Link Signaling for 10/100 Mbps Auto-Negotiation” sections of
the IEEE 802.3 standard.
Table 40. Register Set for IEEE Base Registers
Address
Register Name
Bit Assignments
0
Control Register
See Table 41
1
Status Register #1
See Table 42.
2
PHY Identification Register 1
See Table 43.
3
PHY Identification Register 2
See Table 44.
4
Auto-Negotiation Advertisement Register
See Table 45
5
Auto-Negotiation Link Partner Base Page Ability Register
See Table 46.
6
Auto-Negotiation Expansion Register
See Table 47.
7
Auto-Negotiation Next Page Transmit Register
See Table 48.
8
Auto-Negotiation Link Partner Next Page Receive Register
See Table 49.
9
1000BASE-T/100BASE-T2 Control Register
Not Implemented
10
1000BASE-T/100BASE-T2 Status Register
Not Implemented
11 to 14
Reserved
Not Implemented
15
Extended Status Register
Not Implemented



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com