Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FALXT972MCCA4 Datasheet(PDF) 92 Page - Intel Corporation

Part # FALXT972MCCA4
Description  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FALXT972MCCA4 Datasheet(HTML) 92 Page - Intel Corporation

Back Button FALXT972MCCA4 Datasheet HTML 84Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 85Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 86Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 87Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 88Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 89Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 90Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 91Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 92Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 92 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
92
Datasheet
Document Number: 302875-005
Revision Date: 27-Oct-2005
11.0
Product Ordering Information
Table 57 lists product ordering information for the LXT972M Transceiver.
Figure 38 shows an order matrix with sample information for ordering an LXT972M Transceiver.
Table 57. Product Ordering Information
Number
Revision
Package
Type
Pin Count
RoHS
Compliant
DJLXT972MLC.A4
A4
LQFP
48
No
WJLXT972MLC.A4
A4
LQFP
48
Yes
Figure 38. Order Matrix for Intel® LXT972M Transceiver
DJ
C
972M
L
LXT
A4
Product Revision
xn = 2 Alphanumeric characters
Temperature Range
A = Ambient (0 – 55
0 C)
C = Commercial (0 – 70
0 C)
E = Extended (-40 – 85
0 C)
Internal Package Designator
L = LQFP
P = PLCC
N = DIP
Q = PQFP
H = QFP
T = TQFP
B = BGA
C = CBGA
E = TBGA
K = HSBGA (BGA with heat slug
Product Code
xxxxx = 3-5 Digit alphanumeric
IXA Product Prefix
LXT = PHY layer device
IXE = Switching engine
IXF = Formatting device (MAC/Framer)
IXP = Network processor
Intel Package Designator
B4863-02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com