Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FALXT972MCCA4 Datasheet(PDF) 38 Page - Intel Corporation

Part # FALXT972MCCA4
Description  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FALXT972MCCA4 Datasheet(HTML) 38 Page - Intel Corporation

Back Button FALXT972MCCA4 Datasheet HTML 34Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 35Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 36Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 37Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 38Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 39Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 40Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 41Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 42Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
38
Datasheet
Document Number: 302875-005
Revision Date: 27-Oct-2005
5.6.2
Transmit Enable
The MAC must assert TX_EN the same time as the first nibble of preamble and de-assert TX_EN
after the last nibble of the packet.
5.6.3
Receive Data Valid
The LXT972M Transceiver asserts RX_DV when it receives a valid packet. Timing changes
depend on line operating speed:
• For 100BASE-TX links, RX_DV is asserted from the first nibble of preamble to the last nibble
of the data packet.
• For 10BASE-T links, the entire preamble is truncated. RX_DV is asserted with the first nibble
of the Start of Frame Delimiter (SFD) “5D” and remains asserted until the end of the packet.
Figure 9. Clocking for Link Down Clock Transition
Any
Clock
2.5 MHz
Clock
Clock transition time does not exceed
2X the nominal clock period:
10 Mbps = 2.5 MHz
100 Mbps = 25 MHz
Link-Down Condition/Auto-Negotiate Enabled
RX_CLK
TX_CLK
B3503-01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com