Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FALXT972MCCA4 Datasheet(PDF) 54 Page - Intel Corporation

Part # FALXT972MCCA4
Description  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FALXT972MCCA4 Datasheet(HTML) 54 Page - Intel Corporation

Back Button FALXT972MCCA4 Datasheet HTML 50Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 51Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 52Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 53Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 54Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 55Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 56Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 57Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 58Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
54
Datasheet
Document Number: 302875-005
Revision Date: 27-Oct-2005
5.9.4
LED Pulse Stretching
The LED Configuration Register also provides optional LED pulse stretching to 30, 60, or 100 ms.
The pulse stretch time is extended further if the event occurs again during this pulse stretch period.
When an event such as receiving a packet occurs, the event is edge detected and it starts the stretch
timer. The LED driver remains asserted until the stretch timer expires. If another event occurs
before the stretch timer expires, then the stretch timer is reset and the stretch time is extended.
When a long event (such as duplex status) occurs, the event is edge detected and it starts the stretch
timer. When the stretch timer expires, the edge detector is reset so that a long event causes another
pulse to be generated from the edge detector, which resets the stretch timer and causes the LED
driver to remain asserted.
Figure 18 shows how the stretch operation functions.
Figure 18. LED Pulse Stretching
Event
LED
Note: The direct drive LED outputs in this diagram are shown as active L ow.
stretch
stretch
stretch
B3475-01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com