Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FALXT972MCCA4 Datasheet(PDF) 57 Page - Intel Corporation

Part # FALXT972MCCA4
Description  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FALXT972MCCA4 Datasheet(HTML) 57 Page - Intel Corporation

Back Button FALXT972MCCA4 Datasheet HTML 53Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 54Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 55Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 56Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 57Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 58Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 59Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 60Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 61Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
Datasheet
57
Document Number: 302875-005
Revision Date: 27-Oct-2005
6.0
Application Information
6.1
Magnetics Information
The LXT972M Transceiver requires a 1:1 ratio for both the receive and transmit transformers. The
transformer isolation voltage should be rated at 2 kV to protect the circuitry from static voltages
across the connectors and cables. For transformer/magnetics requirements, see Table 19.
Note:
Before committing to a specific component, contact the manufacturer for current product
specifications and validate the magnetics for the specific application.
6.2
Typical Twisted-Pair Interface
Table 20 provides a comparison of the RJ-45 connections for NIC and Switch applications in a
typical twisted-pair interface setting.
Table 19. Magnetics Requirements
Parameter
Min
Nom
Max
Units
Test Condition
Rx turns ratio
–
1 : 1
–
–
–
Tx turns ratio
–
1 : 1
–
–
–
Insertion loss
0.0
0.6
1.1
dB
–
Primary inductance
350
–
–
μH–
Transformer isolation
–
1.5
–
kV
–
Differential to common mode rejection
40
–
–
dB
0.1 to 60 MHz
35
–
–
dB
60 to 100 MHz
Return Loss
-16
–
–
dB
30 MHz
-10
–
–
dB
80 MHz
Table 20. I/O Pin Comparison of NIC and Switch RJ-45 Setups
Symbol
RJ-45
Switch
NIC
TPIP
1
3
TPIN
2
6
TPOP
3
1
TPON
6
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com