Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FALXT972MCCA4 Datasheet(PDF) 33 Page - Intel Corporation

Part # FALXT972MCCA4
Description  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FALXT972MCCA4 Datasheet(HTML) 33 Page - Intel Corporation

Back Button FALXT972MCCA4 Datasheet HTML 29Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 30Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 31Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 32Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 33Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 34Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 35Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 36Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 37Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
Datasheet
33
Document Number: 302875-005
Revision Date: 27-Oct-2005
5.4.4
Hardware Configuration Settings
The LXT972M Transceiver provides a hardware option to set the initial device configuration. As
listed in Table 13, the hardware option uses the hardware configuration pins, the settings for which
provide control bits.
Table 13. Hardware Configuration Settings for Intel
® LXT972M Transceiver
Desired Mode
LED/CFG
Pin
Settings
1
Resulting Register Bit Values
Control Register
Auto-Negotiation Advertisement
Register
Auto-
Neg.
Speed
(Mbps)
Duplex
123
Auto-
Neg.
0.12
Speed
0.13
Full-
Duplex
0.8
100
BASE-TX
Full-
Duplex
4.8
100
BASE
-TX
4.7
10
BASE-T
Full-
Duplex
4.6
10
BASE-T
4.5
Disabled
10
Half
LLL
0
00
N/A
Auto-Negotiation
Advertisement
Full
L
L
H
0
1
100
Half
L
H
L
1
0
Full
L
H
H
1
1
Enabled
100
Only
Half
H
L
L
1
10
0
1
0
0
Full/Half
H
L
H
1
1
1
1
0
0
10/100
Half Only
H
H
L
1
0
0
1
0
1
Full or
Half
HH
H
1
1
1
1
1
1
1. L = Low, and H = High. For LED/CFG pin assignments, see Chapter 3.0, “Pin Assignments for Intel® LXT972M
Transceiver”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com