Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FALXT972MCCA4 Datasheet(PDF) 66 Page - Intel Corporation

Part # FALXT972MCCA4
Description  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FALXT972MCCA4 Datasheet(HTML) 66 Page - Intel Corporation

Back Button FALXT972MCCA4 Datasheet HTML 62Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 63Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 64Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 65Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 66Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 67Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 68Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 69Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 70Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
66
Datasheet
Document Number: 302875-005
Revision Date: 27-Oct-2005
Figure 23 does not show the TX_ER signal.
.
Figure 23. Intel® LXT972M Transceiver 100BASE-TX Transmit Timing
t1
t2
t5
t3
t4
0ns
250ns
TXCLK
TX_EN
TXD[3:0]
TPO
CRS
B3454-03
Note: Timing diagram depicts 4B mode.
Table 31. Intel® LXT972M Transceiver 100BASE-TX Transmit Timing Parameters
Parameter
Symbol
Min
Typ
1
Max
Units2
Test Conditions
TXD[3:0], TX_EN setup to TX_CLK
High
t1
12
–
–
ns
–
TXD[3:0], TX_EN hold from TX_CLK
High
t2
0
–
–
ns
–
TX_EN sampled to CRS asserted
t3
20
–
24
BT
–
TX_EN sampled to CRS de-asserted
t4
24
–
28
BT
–
TX_EN sampled to TPO out (Tx
latency)
t5
5.3
–
5.7
BT
–
1. Typical values are at 25 °C and are for design aid only, not guaranteed, and not subject to production
testing.
2. BT (Bit Time) is the duration of one bit as transferred to and from the MAC and is the reciprocal of the bit
rate. 100BASE-T bit time = 10-8 s or 10 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com