Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FALXT972MCCA4 Datasheet(PDF) 18 Page - Intel Corporation

Part # FALXT972MCCA4
Description  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FALXT972MCCA4 Datasheet(HTML) 18 Page - Intel Corporation

Back Button FALXT972MCCA4 Datasheet HTML 14Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 15Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 16Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 17Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 18Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 19Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 20Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 21Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
18
Datasheet
Document Number: 302875-005
Revision Date: 27-Oct-2005
Table 8 lists signal descriptions of the LXT972M Transceiver configuration and LED driver pins.
Note:
Pull-up/pull-down resistors of 10k Ohms can be implemented if LEDs are not used in the design.
Table 8.
Intel® LXT972M Transceiver Configuration and LED Driver Signal Descriptions
LQFP
Pin#
Symbol
Type
Signal Description
4
RESET_L
I
Reset.
This active Low input is ORed with the control register Reset
bit (Register bit 0.15). The LXT972M Transceiver reset cycle
is extended to 258
μs (nominal) after reset is de-asserted.
12
RBIAS
AI
Reference Current Bias.
This pin provides bias current for the internal circuitry. Must
be tied to ground through a 22.1 k
Ω, 1% resistor.
2
3
REFCLK/XI
XO
AI and
AO
Reference Clock Input / Crystal Input and Crystal Output.
A 25 MHz crystal oscillator circuit can be connected across XI
and XO. A clock can also be used at XI. Refer to Section
5.3.2, “Clock Requirements” on page 28 in the Functional
Description section.
26
27
28
LED/CFG3
LED/CFG2
LEDCFG1
I/O
LED Drivers 1-3.
These pins drive LED indicators. Each LED can display one
of several available status conditions as selected by the LED
Configuration Register. (For details, see Table 54, “LED
Configuration Register - Address 20, Hex 14” on page 87.)
Configuration Inputs 1-3.
These pins also provide initial configuration settings. (For
details, see Table 13, “Hardware Configuration Settings for
Intel® LXT972M Transceiver” on page 33.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com