Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT7184S Datasheet(PDF) 30 Page - Analog Devices

Part # LT7184S
Description  Dual Channel 9A, 16V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7184S Datasheet(HTML) 30 Page - Analog Devices

Back Button LT7184S Datasheet HTML 26Page - Analog Devices LT7184S Datasheet HTML 27Page - Analog Devices LT7184S Datasheet HTML 28Page - Analog Devices LT7184S Datasheet HTML 29Page - Analog Devices LT7184S Datasheet HTML 30Page - Analog Devices LT7184S Datasheet HTML 31Page - Analog Devices LT7184S Datasheet HTML 32Page - Analog Devices LT7184S Datasheet HTML 33Page - Analog Devices LT7184S Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
Data Sheet
LT7184S
analog.com
Rev. 0
30 of 52
the PWM output by the value set in MFR_PWM_PHASE_LT7184S command. Only one device connected to SYNC
may be configured as an output. When a clock is applied to SYNC, the MFR_PWM_PHASE_LT7184S command
specifies the phase relationship between the rising edge of SYNC and the rising edge of SW for the channel.
The switching frequency of each channel of the LT7184S may be independently programmed to double the SYNC
clock frequency or the FREQUENCY_SWITCH frequency by setting bit 15 of the MFR_PWM_MODE_LT7184S to 1. To
prevent the switching frequency from exceeding 4MHz when bit 15 is set to 1, the FREQUENCY_SWITCH command
is limited to 2MHz. If the FREQUENCY_SWITCH command is set to a value greater than 2MHz, then the user is
prevented from setting Bit 15 to 1. When programming the 2x switching frequency, do not apply a clock with a
frequency of more than 2MHz to the SYNC pin.
Table 9. PWM_CFG Pin Configuration Resistor Selection8
RESISTOR
VALUE
(±1%)
PWM
FREQUENCY1,2
PWM PHASE3
POLYPHASE
FOLLOWER/
LEADER4
INTERNAL COMPENSATION5
SYNC
CLOCK
OUTPUT
or INPUT7
CH0
CH1
CITH
RITH
gMEA
Floating or
VDD18
Initialized from
NVM
(default 1MHz)
Initialized
from NVM
(default
0°)
Initialized
from NVM
(default
180°)
Initialized
from NVM
(default 0
Leader)
Initialized
from NVM
(default
165pF)
Initialized
from NVM
(default
14kΩ)
Initialized
from NVM
(default
310μS)
Initialized
from NVM
(default
Input)
124kΩ
500kHz
0°
180°
0 (Leader)
165pF
60kΩ
155μs
0 (Input)
80.6kΩ
1.5MHz
145pF
10kΩ
465μs
51.1kΩ
2MHz
145pF
10kΩ
465μs
30.9kΩ
4MHz
95pF
10kΩ
930μs
107kΩ
500kHz
90°
270°
165pF
60kΩ
155μs
69.8kΩ
1MHz
165pF
14kΩ
310μs
43.2kΩ
2MHz
145pF
10kΩ
465μs
5.6KΩ
±10%
PolyPhase configuration: PWM Configuration is controlled by the VOUT1_CFGpin, as shown in Table 10. In this
configuration, VOUT for both channels is initialized to the value specified by the VOUT0_CFGresistor.
1
PWM Switching frequency set point is controlled by the FREQUENCY_SWITCH command if no SYNC clock is
present.
2
In an external synchronization clock, as well as a configuration resistor, the configuration resistor should be
chosen to set the internal PWM switching frequency to a similar value as the input clock frequency.
3
Steady-state PWM switching phase is controlled by MFR_PWM_PHASE_LT7184S.
4
POLYPHASE® follower/leader mode is controlled by MFR_CHAN_CONFIG_LT7184S bit 8. A value of 1 selects
follower mode.
5
Internal compensation is selected by connecting the ITH pin to INTVCC. For PWM_CFG resistor values ≤ 124kΩ, if
external compensation is used, gMEA is set to the maximum value (5.0ms for high-performance low-VOUT Mode;
1.24ms for standard mode). For internal compensation, CITH is controlled by MFR_PWM_MODE_LT7184S bits [8:6],
RITH is controlled by MFR_PWM_MODE_LT7184S bits [5:3], and gMEA is controlled by MFR_PWM_MODE_LT7184S Bits
[13:11]. When the NVM configuration selects high-performance Low VOUT mode, the error amp transconductance
(gMEA) is multiplied by about 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com