Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT7184S Datasheet(PDF) 27 Page - Analog Devices

Part # LT7184S
Description  Dual Channel 9A, 16V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7184S Datasheet(HTML) 27 Page - Analog Devices

Back Button LT7184S Datasheet HTML 23Page - Analog Devices LT7184S Datasheet HTML 24Page - Analog Devices LT7184S Datasheet HTML 25Page - Analog Devices LT7184S Datasheet HTML 26Page - Analog Devices LT7184S Datasheet HTML 27Page - Analog Devices LT7184S Datasheet HTML 28Page - Analog Devices LT7184S Datasheet HTML 29Page - Analog Devices LT7184S Datasheet HTML 30Page - Analog Devices LT7184S Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
Data Sheet
LT7184S
analog.com
Rev. 0
27 of 52
WARNING OR
FAULT TYPE1
DETECTION
METHOD
DEFAULT THRESHOLD
DEFAULT
REGULATOR
RESPONSE
DEFAULT PIN RESPONSE
PGOODN
FAULTN
ALERT
VOUT OV Fault
VSENSE
comparator
VOUT_COMMAND + 10%
Shutdown and
retry
Pull
low
Pull
low
Pull
low
VIN OV Fault
PVIN
comparator
17.6V
Shutdown and
retry
Pull
low
Pull
low
Pull
low
VIN UV Warning
ADC
-1V (disabled)
Continue
operation
Pull
low
OT Warning
ADC
140oC
Continue
operation
Pull
low
OT Fault
ADC
160oC
Shutdown and
retry
Pull
low
Pull
low
Pull
low
IOUT Overcurrent
(IOUT_OC)
Warning
ADC
IAVG > 9A
Continue
operation
Pull
low
IOUT_OC Fault
ITH
comparator
VITH ≥ 1.6V2
Continue
operation
Pull
low
Pull
low
Pull
low
Turn-On Time
(TON_MAX) Fault
VSENSE
comparator
and timer
5ms without exceeding
VOUT_UV_FAULT_LIMIT
Continue
operation
Pull
low
Pull
low
Turn-Off Time
(TOFF_MAX)
Warning
ADC and
timer
0 (Disabled)
N/A
Pin Configuration
Error3
I/O
N/A
Lock off until
the next reset
Pull
low
Pull
low
Pull
low
EEPROM Error
CRC, ECC
N/A
Lock off until
the next reset
Pull
low
Pull
low
Internal Reference
Fault
ADC and
second
reference
±5%
Shutdown and
retry
Pull
low
Pull
low
Pull
low
PMBus/I2C
Communications
Error (CML)
Logic
N/A
N/A
Pull
low
1
Refer to the LT7184S PMBus/I2C Reference Manual for detailed information, including configuring thresholds and
responses.
2
The IOUT_OC_FAULT valley current threshold is controlled by MFR_PWM_MODE_LT7184S bits [10:9], and the
IOUT_OC analog comparator trips at typically 95% of the valley current limit programmed by these bits.
3
When a pin configuration error is detected during initialization, the device pulls low the following pins: FAULT0,
FAULT1
, RUN0, RUN1, SHARE_CLK, PGOOD0, PGOOD1, and ALERT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com