Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT7184S Datasheet(PDF) 39 Page - Analog Devices

Part # LT7184S
Description  Dual Channel 9A, 16V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7184S Datasheet(HTML) 39 Page - Analog Devices

Back Button LT7184S Datasheet HTML 35Page - Analog Devices LT7184S Datasheet HTML 36Page - Analog Devices LT7184S Datasheet HTML 37Page - Analog Devices LT7184S Datasheet HTML 38Page - Analog Devices LT7184S Datasheet HTML 39Page - Analog Devices LT7184S Datasheet HTML 40Page - Analog Devices LT7184S Datasheet HTML 41Page - Analog Devices LT7184S Datasheet HTML 42Page - Analog Devices LT7184S Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
Data Sheet
LT7184S
analog.com
Rev. 0
39 of 52
Software-Configurable Sequencing
Time-based sequencing offers a software-configurable means of defining a system's power-up and power-down
sequence. To employ time-based sequencing, program TON_DELAY to independently delay each channel so that its
soft-start ramp begins at the correct point in the sequence. The sequence starts when all channels are commanded
simultaneously using the OPERATION command or RUN pins. Similarly, turn-off sequencing is coordinated using the
TOFF_DELAY command.
When using time-based sequencing among multiple ADI devices, it is recommended that the SHARE_CLK pins of the
devices be connected to a pull-up resistor to 1.6V to 5.5V.
Figure 40. Event Based Sequencing
Event-Based Sequencing
Event-based sequencing offers a hardware-configurable means of defining a system's power-up and power-down
sequence.
The PGOODN pin from one regulator may be connected to the RUNN pin of the next regulator in the sequence, as
shown in Figure 40. The LT7184S holds the PGOODN pin low until the channel's soft-start ramp is complete and its
output voltage exceeds the value set in the VOUT_UV_FAULT_LIMIT.
LTPowerPlay GUI
LTPowerPlay is a powerful Windows-based development environment that supports Analog Devices’ digital power
systems management products, including the LT7184S. LTPowerPlay can be used to evaluate Analog Devices
products by connecting to a demo board or the user application board. LTPowerPlay can also be used in an offline
mode (with no hardware present) to build multiple configuration files that can be saved and reloaded at a later time.
LTPowerPlay provides valuable diagnostic information during system bring-up to program or adjust the power
supplies or diagnose power issues. LTPowerPlay utilizes Analog Devices' DC1613A USB-to-I2C/SMBus/PMBus adapter
to communicate with one of the many potential targets, including the LT7184S demo board. In application, the 3.3V
VCCIO supply from the DC1613A can be connected to the EXTVCC pin of the LT7184S for programming without applying
PVIN. The LTPowerPlay software also provides an automatic update feature to keep the revision current with the
latest device drivers and documentation. Many context-sensitive help is available within LTPowerPlay, along with
several tutorial demos. Refer to LTpowerPlay for more information.
LT7184S
RUN0
RUN1
PGOOD0
PGOOD1
LT7184S
RUN0
RUN1
PGOOD0
PGOOD1
START
TO NEXT CHANNEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com