Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT7184S Datasheet(PDF) 47 Page - Analog Devices

Part # LT7184S
Description  Dual Channel 9A, 16V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7184S Datasheet(HTML) 47 Page - Analog Devices

Back Button LT7184S Datasheet HTML 43Page - Analog Devices LT7184S Datasheet HTML 44Page - Analog Devices LT7184S Datasheet HTML 45Page - Analog Devices LT7184S Datasheet HTML 46Page - Analog Devices LT7184S Datasheet HTML 47Page - Analog Devices LT7184S Datasheet HTML 48Page - Analog Devices LT7184S Datasheet HTML 49Page - Analog Devices LT7184S Datasheet HTML 50Page - Analog Devices LT7184S Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
Data Sheet
LT7184S
analog.com
Rev. 0
47 of 52
COMMAND
CODE
DESCRIPTION
TYPE
PAGED
FORMAT
UNITS
NVM
DEFAULT
STATUS_VOUT
0x7A
Output voltage fault and
warning status.
R/W
Byte
Y
Register
STATUS_IOUT
0x7B
Output current fault and
warning status.
R/W
Byte
Y
Register
STATUS_INPUT
0x7C
Output current fault and
warning status.
R/W
Byte
Y
Register
STATUS_TEMPERATURE
0x7D
Internal temperature fault
and warning status for
READ_TEMPERATURE_1.
R/W
Byte
N
Register
STATUS_CML
0x7E
Communications and
memory fault and warning
status.
R/W
Byte
N
Register
STATUS_MFR_SPECIFIC
0x80
Manufacturer-specific fault
and state information
R/W
Byte
Y
Register
READ_VIN
0x88
Measured Input supply
voltage.
R Word
Y
IEEE or
L11
V
READ_IIN
0x89
Calculated input supply
current.
R Word
Y
IEEE or
L11
A
READ_VOUT
0x8B
Measured output voltage.
R Word
Y
IEEE or
UL1
V
READ_IOUT
0x8C
Measured output current.
R Word
Y
IEEE or
L11
A
READ_TEMPERATURE_1
0x8D
Measured internal
temperature.
R Word
N
IEEE or
L11
C
READ_FREQUENCY
0x95
Measured PWM switching
frequency.
R Word
Y
IEEE or
L11
kHz
READ_POUT
0x96
Calculated output power.
R Word
Y
IEEE or
L11
PMBUS_REVISION
0x98
PMBus revision is supported
by this device. The current
revision is 1.3.
R Byte
N
Register
0x33
MFR_ID
0x99
The manufacturer ID is in
ASCII.
R Block
N
ASCII
ADI
MFR_MODEL
0x9A
The part number is in ASCII.
R Block
N
ASCII
LT7184S
MFR_REVISION
0x9B
Part revision number.
R Block
N
MFR_SERIAL
0x9E
Unique part serial number.
R Block
N
IC_DEVICE_ID
0xAD
Identification of the IC is in
ASCII.
R Block
N
ASCII
LT7184S
IC_DEVICE_REV
0xAE
Revision of the IC.
R Block
N
MFR_EE_UNLOCK
0xAE
Contact factory.
MFR_EE_ERASE
0xBE
Contact factory.
MFR_EE_DATA
0xBF
Contact factory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com