Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT7184S Datasheet(PDF) 17 Page - Analog Devices

Part # LT7184S
Description  Dual Channel 9A, 16V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7184S Datasheet(HTML) 17 Page - Analog Devices

Back Button LT7184S Datasheet HTML 13Page - Analog Devices LT7184S Datasheet HTML 14Page - Analog Devices LT7184S Datasheet HTML 15Page - Analog Devices LT7184S Datasheet HTML 16Page - Analog Devices LT7184S Datasheet HTML 17Page - Analog Devices LT7184S Datasheet HTML 18Page - Analog Devices LT7184S Datasheet HTML 19Page - Analog Devices LT7184S Datasheet HTML 20Page - Analog Devices LT7184S Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
Data Sheet
LT7184S
analog.com
Rev. 0
17 of 52
Figure 10. Temperature Regulation:
(VOUT - VCOMMAND)/VCOMMAND (%) vs Temperature
Figure 11. ON Resistance vs Temperature
Figure 12. IEXTVCC vs Temperature Shutdown
Figure 13. tMIN-ON vs Temperature
Figure 14. tMIN-OFF vs Temperature
Figure 15. READ_TEMPERATURE Error vs
Temperature
EXTVCC = 4V
XGL4030-471
SOLID LINES HPLV MODE
DASHED LINES REGULAR MODE
VCOMMAND = 470mV
VCOMMAND = 705mV
VCOMMAND = 940mV
VCOMMAND = 1175mV
VCOMMAND = 1410mV
VCOMMAND = 1645mV
VCOMMAND = 1880mV
VCOMMAND = 2115mV
VCOMMAND = 2350mV
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
–0.008
–0.006
–0.004
–0.002
0
0.002
0.004
0.006
0.008
0.010
0.012
EXTVCC = 4V
RDSON TOP
RDSON BOTTOM
TEMPERATURE (°C)
–50
–30
–10
10
30
50
70
90
110
130
150
0
5
10
15
20
25
30
35
40
45
EXTVCC = 4V
TEMPERATURE (°C)
–50
–30
–10
10
30
50
70
90
110
130
150
5
6
7
8
9
10
XGL 5030-331
EXTVCC = 4V
SOLID LINES FASTSLEW = 1
DASHED LINES FASTSLEW = 0
tMIN-ON LOAD = 0A
tMIN-ON LOAD = 1A
tMIN-ON LOAD = 2A
tMIN-ON LOAD = 3A
TEMPERATURE (°C)
–50
–30
–10
10
30
50
70
90
110
130
150
10
15
20
25
30
35
40
XAL6020-121
EXTVCC = 4V
VIN = 5V
SOLID LINES FASTSLEW = 1
DASHED LINES FASTSLEW = 0
tMIN-OFF LOAD = 0A
tMIN-OFF LOAD = 3A
TEMPERATURE (°C)
–50
–30
–10
10
30
50
70
90
110
130
150
60
70
80
90
100
110
120
EXTVCC = 4V
TEMPERATURE (°C)
–50
–30
–10
10
30
50
70
90
110
130
150
–5
–4
–3
–2
–1
0
1
2
3
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com