Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT7184S Datasheet(PDF) 29 Page - Analog Devices

Part # LT7184S
Description  Dual Channel 9A, 16V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7184S Datasheet(HTML) 29 Page - Analog Devices

Back Button LT7184S Datasheet HTML 25Page - Analog Devices LT7184S Datasheet HTML 26Page - Analog Devices LT7184S Datasheet HTML 27Page - Analog Devices LT7184S Datasheet HTML 28Page - Analog Devices LT7184S Datasheet HTML 29Page - Analog Devices LT7184S Datasheet HTML 30Page - Analog Devices LT7184S Datasheet HTML 31Page - Analog Devices LT7184S Datasheet HTML 32Page - Analog Devices LT7184S Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
Data Sheet
LT7184S
analog.com
Rev. 0
29 of 52
1
If the PWM_CFG pin is connected to a 5.6kΩ ±10% resistor to select PolyPhase operation (See Table 9), then the
VOUT1_CFG configuration resistor controls PWM settings, including frequency and phase (See Table 10).
2
Output voltage set point is controlled by VOUT_COMMAND.
3
VOUT Range Mode selection is controlled by MFR_PWM_MODE_LT7184S bit 1. A value of 1 selects high-performance
Low VOUT Mode, when this bit is set the output voltage cannot be programmed above 1.375V.
4
The PMBus ON_OFF_CONFIG command selects whether the RUN pin and/or OPERATION command enables the
regulator.
5
If the VOUTN_CFG pin is open or tied to VDD18, the VOUT_COMMAND is loaded from EEPROM to determine the output
voltage. The default EEPROM setting is to initialize with the regulator disabled unless the voltage configuration
resistors are installed. The commands listed below are initialized based on a percentage of VOUT_COMMAND if the
resistor configuration pins are used to initialize the output voltage.
Table 8. Command Initialization Defaults when Resistor Configuration Pins are used
COMMAND
DEFAULT % of VOUT_COMMAND
VOUT_OV_FAULT_LIMIT
+10%
VOUT_OV_WARN_LIMIT
+7.5%
VOUT_MAX
+7.5%
VOUT_MARGIN_HIGH
+5%
VOUT_MARGIN_LOW
-5%
VOUT_UV_WARN_LIMIT
-6.5%
VOUT_UV_FAULT_LIMIT
-7%
Switching Frequency and Phase
The PWM switching frequency can be established using the internal oscillator or applying an external clock on the
SYNC pin. An internal phase-locked loop (PLL) synchronizes PWM control to this timing reference, whether the
clock is provided internally or externally. The internal oscillator frequency is set by the FREQUENCY_SWITCH
command. The MFR_PWM_PHASE_LT7184S command configures the phase of each channel.
The SYNC pin is a flexible multipurpose input/output pin, which can be used as a clock input or output. The
LT7184S synchronizes PWM switching to an external clock input on SYNC unless the LT7184S has been configured
as an output driver or has been programmed to ignore the input clock. The LT7184S continues PWM operation
using its own internal oscillator if the external clock signal is lost. If an external clock is to be used, it is
recommended to program the FREQUENCY_SWITCH command or to use a configuration resistor to set the internal
oscillator frequency to a similar value as the external clock frequency. This ensures that the PWM switching
frequency remains reasonable if the external clock is lost. The LT7184S can be programmed to ignore an external
clock by writing a 1-to-Bit 1 of MFR_SYNC_CONFIG_LT7184S.
For an input clock frequency below 625kHz, it is recommended to use a configuration resistor that selects a PWM
frequency of 500kHz. For an input clock frequency between 625kHz and 1.25MHz, it is recommended to use a
configuration resistor that selects a PWM frequency of 1MHz. For an input clock frequency between 1.25MHz and
2.5MHz, it is recommended to use a configuration resistor that selects a PWM frequency of 2MHz. For an input clock
frequency greater than 2.5MHz, it is recommended to use a configuration resistor that selects a PWM frequency of
4MHz.
The LT7184S can be configured to provide a synchronizing clock output on the SYNC pin to other devices by setting
bit 0 of MFR_SYNC_CONFIG_LT7184S to 1. If the SYNC output clock is enabled, the LT7184S drives the SYNC pin as a
square wave from 0V to 1.88V (typical) at the frequency programmed in FREQUENCY_SWITCH, leads the phase of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com