Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT7184S Datasheet(PDF) 13 Page - Analog Devices

Part # LT7184S
Description  Dual Channel 9A, 16V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7184S Datasheet(HTML) 13 Page - Analog Devices

Back Button LT7184S Datasheet HTML 9Page - Analog Devices LT7184S Datasheet HTML 10Page - Analog Devices LT7184S Datasheet HTML 11Page - Analog Devices LT7184S Datasheet HTML 12Page - Analog Devices LT7184S Datasheet HTML 13Page - Analog Devices LT7184S Datasheet HTML 14Page - Analog Devices LT7184S Datasheet HTML 15Page - Analog Devices LT7184S Datasheet HTML 16Page - Analog Devices LT7184S Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
Data Sheet
LT7184S
analog.com
Rev. 0
13 of 52
PIN
Name
DESCRIPTION
3
ITH0
Error amplifier output and switching regulator compensation for Channel 0. Connect the
appropriate external components between ITH0 and SGND to compensate the regulator
loop frequency response for Channel 0 or connect to INTVCC to select internal
compensation for Channel 0.
4
ITH1
Error amplifier output and switching regulator compensation for channel 1. Connect the
appropriate external components between ITH1 and SGND to compensate the regulator
loop frequency response for Channel 1, or connect to INTVCC to select internal
compensation for Channel 1.
5
INTVCC
Internal 3V LDO regulator bypass. This LDO regulator output provides a supply current
for internal circuitry. This pin must be bypassed to SGND with a 10µF or greater, low ESR
ceramic capacitor as close as possible to the IC on the top Printed Circuit Board (PCB)
layer. Do not load the INTVCC pin with external circuitry.
6
VDD18
Internal 1.8V regulator bypass. This pin must be bypassed to SGND with a 4.7µF or
greater low ESR ceramic capacitor as close as possible to the LT7184S on the top PCB
layer. Do not load the VDD18 pin with external circuitry.
7
VOUT0_CFG
Output voltage configuration for channel 0. Connect a 1% resistor from VOUT0_CFG to GND
(SGND or PGND) according to Table 7 in the Applications Information section to select
one of sixteen output voltage set points. If left floating or connected to VDD18, the LT7184S
uses the value of VOUT_COMMAND programmed in EEPROM to set the output voltage
set point. The VOUT0_CFG pin is only read at the start-up.
8
DRVCC
Internal 3.5V LDO regulator bypass. The DRVCC regulator provides the supply current for
the power FET drivers. This pin must be bypassed to PGND with a 100nF or greater low
Equivalent series resistance (ESR) ceramic capacitor as close as possible to the LT7184S
using the top PCB layer, and a bulk 10µF low ESR ceramic capacitor. Do not load the
DRVCC pin with external circuitry with the optional exceptions of the pull-up resistor for
the SHARE_CLK pin and/or the RUN0, RUN1, FAULT0, or FAULT1 pins.
9,
Exposed
pads 38,
39
PGND
Power ground. The (-) terminal of the PVIN1 input bypass capacitors and the (-) terminal
of the output capacitors (COUT0 and COUT1) should be connected to these pins with low-
impedance connections. The PCB must be designed to provide low electrical and
thermal impedance to PGND.
10
PVIN1
Power supply input for Channel 1. This pin must be bypassed to PGND as close as
possible to the LT7184S with a low ESR capacitor of value 4.7µF or more using the top
PCB layer.
11
BOOST1
Boosted floating driver supply for Channel 1. Connect a 0.1µF boost capacitor from
BOOST1 to SW1 as close as possible to the LT7184S using only the top PCB layer. The
normal operation voltage swing on this pin is from DRVCC to PVIN1 + DRVCC.
12, 13,
Exposed
pad 40
SW1
The output of the Channel 1 internal power switches. Connect these pins together and
connect the Channel 1 inductor and BOOST1 capacitor. This node should be sized to
support the maximum load current for Channel 1 and be spaced away from all other PCB
metal.
14
ASEL
Serial bus address configuration pin. Connect a 1% resistor from ASEL to ground (SGND
or PGND) to select one of sixteen serial bus interface addresses. The ASEL pin is read at
start-up. If the ASEL pin is left floating, the factory default 7-Bit device address is 0x4F. If
the ASEL pin is grounded, the factory default device address is 0x40.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com