Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT7184S Datasheet(PDF) 46 Page - Analog Devices

Part # LT7184S
Description  Dual Channel 9A, 16V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7184S Datasheet(HTML) 46 Page - Analog Devices

Back Button LT7184S Datasheet HTML 42Page - Analog Devices LT7184S Datasheet HTML 43Page - Analog Devices LT7184S Datasheet HTML 44Page - Analog Devices LT7184S Datasheet HTML 45Page - Analog Devices LT7184S Datasheet HTML 46Page - Analog Devices LT7184S Datasheet HTML 47Page - Analog Devices LT7184S Datasheet HTML 48Page - Analog Devices LT7184S Datasheet HTML 49Page - Analog Devices LT7184S Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
Data Sheet
LT7184S
analog.com
Rev. 0
46 of 52
COMMAND
CODE
DESCRIPTION
TYPE
PAGED
FORMAT
UNITS
NVM
DEFAULT
OT_FAULT_LIMIT
0x4F
Internal overtemperature
fault limit.
R/W
Word
N
IEEE or
L11
C
Y
160.0C
(0x5900)
OT_FAULT_RESPONSE
0x50
Action to be taken by the
device when an internal
overtemperature fault is
detected.
R/W
Byte
N
Register
Y
0xC0
OT_WARN_LIMIT
0x51
Internal overtemperature
warning limit.
R/W
Word
N
IEEE or
L11
C
Y
140.0C
(0x5860)
VIN_OV_FAULT_RESPONSE
0x56
Action to be taken by the
device when an input
overvoltage fault is
detected.
R/W
Byte
Y
Register
Y
0xB8
VIN_UV_WARN_LIMIT
0x58
Input supply undervoltage
warning limit.
R/W
Word
Y
IEEE or
L11
V
Y
-1.0V
(0xBC00)
IIN_OC_WARN_LIMIT
0x5D
Input supply overcurrent
warning limit.
R/W
Word
Y
IEEE or
L11
A
Y
9.0A
(0x4880)
TON_DELAY
0x60
Time from RUNN and/or
Operation command till an
output rail turns on.
R/W
Word
Y
IEEE or
L11
ms
Y
0.0ms
(0x0000)
TON_RISE
0x61
Time from when the output
starts to rise until the output
voltage set point reaches the
VOUT commanded value.
R/W
Word
Y
IEEE or
L11
ms
Y
1.0ms
(0x3C00)
TON_MAX_FAULT_LIMIT
0x62
Maximum time from the
start of TON_RISE for VOUT to
cross the
VOUT_UV_FAULT_LIMIT.
R/W
Word
Y
IEEE or
L11
ms
Y
5.0ms
(0x4500)
TON_MAX_FAULT_RESPONSE
0x63
Action to be taken by the
device when a
TON_MAX_FAULT event is
detected.
R/W
Byte
Y
Register
Y
0x00
TOFF_DELAY
0x64
Time from RUNN and/or
Operation command to the
start of the TOFF_FALL
ramp.
R/W
Word
Y
IEEE or
L11
ms
Y
0.0ms
(0x0000)
TOFF_FALL
0x65
Time from when the output
starts to fall until the output
reaches zero volts.
R/W
Word
Y
IEEE or
L11
ms
Y
2.0ms
(0x4000)
TOFF_MAX_WARN_LIMIT
0x66
Maximum allowed time after
TOFF_FALL is completed for
the output voltage to fall
below the MFR_DISCHARGE
_THRESHOLD.
R/W
Word
Y
IEEE or
L11
ms
Y
0.0ms
(0x0000)
STATUS_BYTE
0x78
One-byte summary of the
unit's fault condition.
R/W
Byte
Y
Register
STATUS_WORD
0x79
Two-byte summary of the
unit's fault condition.
R/W
Word
Y
Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com