Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT7184S Datasheet(PDF) 5 Page - Analog Devices

Part # LT7184S
Description  Dual Channel 9A, 16V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7184S Datasheet(HTML) 5 Page - Analog Devices

  LT7184S Datasheet HTML 1Page - Analog Devices LT7184S Datasheet HTML 2Page - Analog Devices LT7184S Datasheet HTML 3Page - Analog Devices LT7184S Datasheet HTML 4Page - Analog Devices LT7184S Datasheet HTML 5Page - Analog Devices LT7184S Datasheet HTML 6Page - Analog Devices LT7184S Datasheet HTML 7Page - Analog Devices LT7184S Datasheet HTML 8Page - Analog Devices LT7184S Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
Data Sheet
LT7184S
analog.com
Rev. 0
5 of 52
5
Stresses at or above those listed under Absolute Maximum Ratings may cause permanent damage to the
product. This is a stress rating only; functional operation of the product at these or any other conditions
above those indicated in the operational section of this specification is not implied. Operation beyond the
maximum operating conditions for extended periods may affect product reliability and lifetime.
Thermal Resistance
Thermal performance is directly linked to PCB design and operating environment. Careful attention to PCB thermal
design is required.
Table 2. Thermal Resistance
PACKAGE TYPE
θJA3
θJC-TOP4
θJC-BOTTOM4
UNIT
LQFN1
31.0
29.2
2.6
(oC/Watt)
LQFN2
19.9
29.2
2.6
(oC/Watt)
1
Test Condition 1: Thermal impedance simulated values based upon use of 2S2P JEDEC FR-4 PCB 114mm x 76mm,
1.6mm thick in a one cubic foot sealed enclosure.
2
Test Condition 2: Thermal impedance simulated values based upon the demonstration board in still air.
3
θJA is the natural convection junction-to-ambient thermal resistance.
4
θJC-TOP and θJC-BOTTOM are the natural conduction junction-to-case thermal resistances.
ESD Caution
ESD (electrostatic discharge) sensitive device. Charged devices and circuit boards can
discharge without detection. Although this product features patented or proprietary
protection circuitry, damage may occur on devices subjected to high energy ESD. Therefore,
proper ESD precautions should be taken to avoid performance degradation or loss of
functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com