Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT7184S Datasheet(PDF) 4 Page - Analog Devices

Part # LT7184S
Description  Dual Channel 9A, 16V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7184S Datasheet(HTML) 4 Page - Analog Devices

  LT7184S Datasheet HTML 1Page - Analog Devices LT7184S Datasheet HTML 2Page - Analog Devices LT7184S Datasheet HTML 3Page - Analog Devices LT7184S Datasheet HTML 4Page - Analog Devices LT7184S Datasheet HTML 5Page - Analog Devices LT7184S Datasheet HTML 6Page - Analog Devices LT7184S Datasheet HTML 7Page - Analog Devices LT7184S Datasheet HTML 8Page - Analog Devices LT7184S Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
Data Sheet
LT7184S
analog.com
Rev. 0
4 of 52
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise specified.
Table 1. Absolute Maximum Ratings
PARAMETER
RATING
PVIN0, PVIN1
-0.3V to +20V
Average PVIN Input Supply Current2
3A
EXTVCC
-0.3V to +6V
VSENSE0P, VSENSE1P
-0.3V to +6V
VSENSE0N, VSENSE1N
-0.3V to +0.3V
ITH0, ITH1
-0.3V to +6V
SYNC, PWM_CFG, WP, SHARE_CLK, ALERT, SDA, SCL, FAULT0,
FAULT1
, RUN0, RUN1, PGOOD0, PGOOD1, ASEL, VOUT0_CFG, and VOUT1_CFG
-0.3V to +6V
BOOST0 with respect to SW0
-0.3V to +6V
BOOST1 with respect to SW1
-0.3V to +6V
Operating Junction Temperature 3, 4, 5
-40°C to +150°C
TJ
150°C
Storage Temperature Range
-65°C to +150°C
Maximum Peak Re-flow (Package Body) Temperature
260°C
1
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
Exposure to any Absolute Maximum Rating condition for extended periods may affect device reliability and
lifetime.
2
The average input current to each PVIN pin on the LT7184S is a function of the PVIN input voltage, the
programmed output voltage that channels load current, and the efficiency as:
IPVIN =
VOUT × IOUT
PVIN × Efficiency
The output voltage and current can be programmed so that the PVIN input current exceeds the maximum
average current rating for the LT7184S. Exceeding the maximum average input current rating for the LT7184S
can affect device reliability and lifetime.
3
The LT7184S is specified over the -40°C to +150°C operating junction temperature range. High junction
temperatures degrade operating lifetimes: operating lifetime is derated for junction temperatures greater
than 125°C. Note that the maximum ambient temperature consistent with these specifications is determined
by specific operating conditions in conjunction with board layout, the rated package thermal impedance,
and other environmental factors.
4
The LT7184S includes overtemperature protection that is intended to protect the device during momentary
overload conditions. The maximum rated junction temperature is exceeded when this protection is active.
Continuous operation above the specified maximum operating junction temperature will reduce the device's
lifetime.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com