Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT7184S Datasheet(PDF) 12 Page - Analog Devices

Part # LT7184S
Description  Dual Channel 9A, 16V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7184S Datasheet(HTML) 12 Page - Analog Devices

Back Button LT7184S Datasheet HTML 8Page - Analog Devices LT7184S Datasheet HTML 9Page - Analog Devices LT7184S Datasheet HTML 10Page - Analog Devices LT7184S Datasheet HTML 11Page - Analog Devices LT7184S Datasheet HTML 12Page - Analog Devices LT7184S Datasheet HTML 13Page - Analog Devices LT7184S Datasheet HTML 14Page - Analog Devices LT7184S Datasheet HTML 15Page - Analog Devices LT7184S Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
Data Sheet
LT7184S
analog.com
Rev. 0
12 of 52
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
Figure 3. Pin Configuration
Table 5. Pin Descriptions
PIN
Name
DESCRIPTION
1
PVIN0
Power Supply Input for Channel 0 and Internal LDO Regulators. This pin must be
bypassed to SGND as close as possible to the LT7184S, with a low ESR capacitor of value
4.7µF or more using the top PCB layer. If EXTVCC < 3V, then the internal LDO regulators
(for DRVCC, INTVCC, and VDD18) pull power from PVIN0.
2
SGND
Signal Ground. The return for the ITH0 and ITH1 compensation networks and the INTVCC
and VDD18 supply pins should be connected to an isolated ground return connected as
close as possible to the SGND pin. This pin is connected to PGND within the LT7184S
package. Do not connect the SGND isolated ground return to PGND in more than one
location in the application PCB. In PolyPhase applications the SGND and ITHN nodes
should be symmetrically connected to each IC in the PolyPhase configuration.
1
PVIN0
2
SGND
3
ITH0
4
ITH1
5
INTVCC
6
VDD18
7
VOUT0_CFG
8
DRVCC
9
PGND
10
PVIN1
27 SDA
28 SYNC
SW0
37
38
39
40
SW1
PGND
PGND
26 SCL
25 ALERT
24 FAULT0
23 FAULT1
22 SHARE_CLK
21 RUN1
20 RUN0
19 EXTVCC
LT7184S
TOP VIEW
(Not to Scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com