Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT7184S Datasheet(PDF) 15 Page - Analog Devices

Part # LT7184S
Description  Dual Channel 9A, 16V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7184S Datasheet(HTML) 15 Page - Analog Devices

Back Button LT7184S Datasheet HTML 11Page - Analog Devices LT7184S Datasheet HTML 12Page - Analog Devices LT7184S Datasheet HTML 13Page - Analog Devices LT7184S Datasheet HTML 14Page - Analog Devices LT7184S Datasheet HTML 15Page - Analog Devices LT7184S Datasheet HTML 16Page - Analog Devices LT7184S Datasheet HTML 17Page - Analog Devices LT7184S Datasheet HTML 18Page - Analog Devices LT7184S Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
Data Sheet
LT7184S
analog.com
Rev. 0
15 of 52
PIN
Name
DESCRIPTION
pulls down the FAULT0 pin, the LT7184 channel 0 regulator turns off immediately. If
PolyPhase configuration is used, tie together the FAULTN pins of all PolyPhase
channels. If the PolyPhase configuration is used, or if the Fault pin reporting or sharing
is required, a pull-up resistor of 6.8kΩ or greater to 1.6V to 5.5V is required. FAULT0 pin
may be tied directly to DRVCC if the FAULT0 pin function is not required.
25
ALERT
Open-Drain Alert Output. If the ALERT pin function is used, a pull-up resistor of 1.6V to
5.5V is required. If the ALERT pin function is not used, the pin may be connected to the
ground.
26
SCL
Serial Bus Clock Input and Output. The LT7184S may hold SCL low if clock stretching is
enabled (PMBus speeds 400kHz - 1MHz only). A pull-up resistor of 1.6V to 5.5V is required
for PMBus/I2C operation. If serial bus operation is not required, SCL may be connected
to the ground.
27
SDA
Serial Bus Data Input and Output. A pull-up resistor of 1.6V to 5.5V is required for
PMBus/I2C operation. If serial bus operation is not required, the SDA may be connected
to the ground.
28
SYNC
External Clock Synchronization Input/Output. When driven with an external clock, an
internal phase-locked loop synchronizes the switching regulator output with the rising
edge of the external clock. If configured as an output (MFR_SYNC_CONFIG_LT7184 bit 0
is set to 1), the LT7184S drives the SYNC pin output at the switching clock frequency set
by the FREQUENCY_SWITCH command with a voltage swing of 0V to VDD18.
29
PWM_CFG
PWM Configuration Resistor Pin. Connect a 1% resistor from PWM_CFG to the ground
(SGND or PGND) according to Table 9 in the Applications Information section to select
frequency, phase, and mode configurations. The PWM_CFG pin is read at LT7184S start-
up. See Applications Information for more details.
30
PGOOD0
Power Good Indicator Output for channel 0. PGOOD0 is pulled low when the channel 0
regulator output is outside of the OV/UV fault thresholds when Channel 0 is disabled,
and during on/off sequencing. The PGOOD0 output is deglitched by an internal
configurable timer. If the PGOOD0 pin function is not used, it may be connected to
the ground.
31
VSENSE0P
Output voltage positive sense input. Connect to the Channel 0 output voltage sense
point.
32
VSENSE0N
Output voltage negative sense input. Connect to the Channel 0 output voltage sense
ground point.
33
PGOOD1
Power Good Indicator Output for Channel 1. PGOOD1 is pulled low when the Channel 0
regulator output is outside of the OV/UV fault thresholds when Channel 1 is disabled and
during on/off sequencing. The PGOOD1 output is deglitched by an internal configurable
timer. If the PGOOD1 pin function is not used, it may be connected to the ground.
34, 35,
Exposed
pad 37
SW0
Output of the Channel 0 internal power switches. Connect these pins together and
connect the Channel 0 inductor and BOOST0 capacitor. This node should be sized to
support the maximum load current for Channel 0 and be spaced away from all other PCB
metal.
36
BOOST0
Boosted floating driver supply for Channel 0. Connect a 0.1µF boost capacitor from
BOOST0 to SW0 as close as possible to the LT7184S using only the top PCB layer. The
normal operation voltage swing on this pin is from DRVCC to PVIN0 + DRVCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com