Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT7184S Datasheet(PDF) 49 Page - Analog Devices

Part # LT7184S
Description  Dual Channel 9A, 16V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7184S Datasheet(HTML) 49 Page - Analog Devices

Back Button LT7184S Datasheet HTML 44Page - Analog Devices LT7184S Datasheet HTML 45Page - Analog Devices LT7184S Datasheet HTML 46Page - Analog Devices LT7184S Datasheet HTML 47Page - Analog Devices LT7184S Datasheet HTML 48Page - Analog Devices LT7184S Datasheet HTML 49Page - Analog Devices LT7184S Datasheet HTML 50Page - Analog Devices LT7184S Datasheet HTML 51Page - Analog Devices LT7184S Datasheet HTML 52Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
Data Sheet
LT7184S
analog.com
Rev. 0
49 of 52
COMMAND
CODE
DESCRIPTION
TYPE
PAGED
FORMAT
UNITS
NVM
DEFAULT
MFR_VIN_PEAK
0xDE
The maximum measured
READ_VIN since the last
MFR_CLEAR_PEAKS
command.
R Word
Y
IEEE or
L11
V
MFR_TEMPERATURE_1_PEAK
0xDF
The maximum measured
value of internal
temperature since the last
MFR_CLEAR_PEAKS
command.
R Word
N
IEEE or
L11
C
MFR_CLEAR_PEAKS
0xE3
Clears all peak values.
Send
Byte
N
MFR_DISCHARGE_
THRESHOLD
0xE4
The output voltage used to
determine output has
decayed sufficiently to
re-enable the channel.
R/W
Word
Y
IEEE or
L11
V
Y
0.2V
(0x3266)
MFR_PADS_LT7184S
0xE5
Digital status of the I/O pads.
R Word
N
Register
MFR_ADDRESS
0xE6
Sets the 7-bit I2C address
byte.
R/W
Word
N
Register
Y
0x4F
MFR_SPECIAL_ID
0xE7
ID Code used by
the manufacturer.
R Word
N
Register
0x1C1D
MFR_FAULT_LOG_
TIMESTAMP_MSBS
0xE8
Sets the fault log time stamp
upper 13 bits, clears lower
32 (read and write first).
R/W 32
N
MFR_FAULT_LOG_TIMESTAM
P_LSBS
0xE9
Sets the fault log time stamp
lower by 32 bits.
R/W 32
N
MFR_FAULT_LOG_STORE
0xEA
Force a fault log entry to be
written
Send
Byte
N
MFR_FAULT_LOG_CLEAR
0xEC
Erases all fault log entries, if
any.
Send
Byte
N
MFR_FAULT_LOG
0xEE
Read the contents of
the fault log, if any.
R Block
N
Register
MFR_COMMON
0xEF
Manufacturer status bits
that are common across
multiple Analog Devices’
chips.
R Byte
N
Register
MFR_COMPARE_USER_ALL
0xF0
Compares current command
contents with EEPROM
Send
Byte
N
MFR_CHANNEL_STATE
0xF1
Returns the state of the
channel.
R Byte
Y
Register
MFR_PGOOD_DELAY
0xF2
Time output voltage must be
between UV and OV before
PGOODN transitions high.
R/W
Word
Y
IEEE or
L11
ms
Y
1.0ms
(0x3C00)
MFR_NOT_PGOOD_DELAY
0xF3
Time output voltage must be
below UV or above OV
before PGOODN transitions
low.
R/W
Word
Y
IEEE or
L11
ms
Y
0.1ms
(0x2E66)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com