Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT7184S Datasheet(PDF) 36 Page - Analog Devices

Part # LT7184S
Description  Dual Channel 9A, 16V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7184S Datasheet(HTML) 36 Page - Analog Devices

Back Button LT7184S Datasheet HTML 32Page - Analog Devices LT7184S Datasheet HTML 33Page - Analog Devices LT7184S Datasheet HTML 34Page - Analog Devices LT7184S Datasheet HTML 35Page - Analog Devices LT7184S Datasheet HTML 36Page - Analog Devices LT7184S Datasheet HTML 37Page - Analog Devices LT7184S Datasheet HTML 38Page - Analog Devices LT7184S Datasheet HTML 39Page - Analog Devices LT7184S Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
Data Sheet
LT7184S
analog.com
Rev. 0
36 of 52
ILOADNEGMAX − ΔIL/2 ≥ ILIM _NEG(MAX)
(5)
For example, in the current limit range 2 with a negative current limit typical of -7.5A (max -6.5A) and ripple current
of 2A, the most negative load that the LT7184S supports is -5.5A. A larger negative current load than that will risk an
output overvoltage. When operating with a negative load, the current gets sunk at the output voltage, VOUT, and is
pushed out of the PVIN input pin. The supply connected to PVIN must be able to absorb this excess current, or an
overvoltage at PVIN will occur.
An inductor must be chosen with a saturation current (typically labeled ISAT) higher than the maximum peak current
when operating in the current limit.
IL (PEAK MAX) = ILIM _POS + ΔIL
(6)
To avoid overheating and poor efficiency, an inductor must be chosen with an RMS current rating that is greater than
the maximum expected output load of the application. Preferably, the inductor RMS rating supports the average
inductor current in the current limit.
IL (AVG MAX) = ILIM (POS) +
ΔIL
2
(7)
If the inductor current rating does not support IL(AVGMAX) described in Equation 7, either select a suitable current limit
or set the VOUT_UV_FAULT_RESPONSE command to disable the channel if the output voltage falls below the
VOUT_UV_FAULT_LIMIT. The default setting of VOUT_UV_FAULT_RESPONSE is to continue operation at the valley
current limit while the VOUT_UV fault condition is present. For the highest efficiency, the inductor series resistance
(DCR or ESR) should be minimized, and its core material should be intended for high-frequency applications.
Input and Output Capacitors
The Low ESR ceramic capacitors should be used at both the output and input supplies of the switching regulators.
X5R or X7R ceramic capacitors are recommended for best performance overtemperature and applied voltage. Ensure
that the selected capacitor’s voltage ratings exceed the maximum application voltages.
Decouple the PVIN pins with low ESL and ESR ceramic capacitors as close as possible to the two PVIN pins with
returns to the appropriate ground return pins, as shown in Table 7 and bulk ceramic capacitors to support the input
ripple current.
See the Typical Applications section in this data sheet for suggested output capacitor values. The output capacitor
values must be selected to maintain stability over selected operating conditions including operating frequency,
compensation (gMEA, and compensation network, RITH, and CITH), as well as the programmed current limit, which
selects the modulator transconductance.
Programmable PWM Control Loop Compensation
The LT7184S supports internal or external PWM control loop compensation, as shown in Figure 37 and Figure 38. For
single-phase applications, internal compensation is selected by tying the channel's ITH pin to INTVCC. The PolyPhase
operation requires an external compensation, and the ITH pins of all the PolyPhase channels must be connected to
an external compensation network.
Control loop compensation can be programmed using the MFR_PWM_MODE_LT7184S command. In either internal
or external compensation, the transconductance of the LT7184S PWM error amplifier can be adjusted using
MFR_PWM_MODE_LT7184S buts [13:11], as shown in Table 13. When internal compensation is selected, the internal
PWM loop compensation resistor, RITH, of the LT7184S can be adjusted in non-linear increments from 5kΩ to 60kΩ
(typical) using the MFR_PWM_MODE_LT7184S buts [5:3], as shown in Table 14. The internal compensation capacitor,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com