Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT7184S Datasheet(PDF) 16 Page - Analog Devices

Part # LT7184S
Description  Dual Channel 9A, 16V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7184S Datasheet(HTML) 16 Page - Analog Devices

Back Button LT7184S Datasheet HTML 12Page - Analog Devices LT7184S Datasheet HTML 13Page - Analog Devices LT7184S Datasheet HTML 14Page - Analog Devices LT7184S Datasheet HTML 15Page - Analog Devices LT7184S Datasheet HTML 16Page - Analog Devices LT7184S Datasheet HTML 17Page - Analog Devices LT7184S Datasheet HTML 18Page - Analog Devices LT7184S Datasheet HTML 19Page - Analog Devices LT7184S Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
Data Sheet
LT7184S
analog.com
Rev. 0
16 of 52
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 4. 12V PVIN Efficiency/Power Loss at
fSW = 1000kHz, various VOUT
Figure 5. VOUT = 1.2V, fSW = 1000kHz Efficiency/
Power Loss, various PVIN
Figure 6. 5V PVIN to 0.8V VOUT Efficiency/
Power Loss various fSW
Figure 7. 5V PVIN to 0.6V VOUT Efficiency at
various fSW
Figure 8. Load Regulation
Figure 9. Line Regulation
EXTVCC = 4V
EFFICIENCY
POWER LOSS
VOUT = 0.8V, XGL4030-301
VOUT = 1.2V, XGL4030-471
VOUT = 1.5V, XGL4030-601
IOUT (A)
0
1
2
3
4
5
6
7
8
9
10
70
75
80
85
90
95
100
0
0.5
1.0
1.5
2.0
2.5
3.0
EXTVCC = 4V
XGL4030-601
EFFICIENCY
POWER LOSS
MAX LOAD AT PVIN = 3.3V
LIMITED TO 7A SO AS NOT TO
EXCEED ABS MAX AVERAGE PVIN
INPUT SUPPLY CURRENT RATING
PVIN = 3.3V
PVIN = 8V
PVIN = 16V
IOUT (A)
0
1
2
3
4
5
6
7
8
9
10
70
75
80
85
90
95
100
0
0.5
1.0
1.5
2.0
2.5
3.0
EXTVCC = 4V
XGL4030-601
EFFICIENCY
POWER LOSS
fSW = 500kHz
fSW = 1000kHz
fSW = 2000kHz
IOUT (A)
0
1
2
3
4
5
6
7
8
9
10
70
75
80
85
90
95
100
0
0.5
1.0
1.5
2.0
2.5
3.0
EXTVCC = 4V
EFFICIENCY
POWER LOSS
fSW = 500kHz, XGL4030-471
fSW = 1000kHz, XGL4020-251
0
1
2
3
4
5
6
7
8
9
10
70
75
80
85
90
95
100
0
0.5
1.0
1.5
2.0
2.5
3.0
IOUT (A)
EXTVCC = 4V
XGL4030-601
VOUT = 600mV, PVIN = 5V, fSW = 500kHz
VOUT = 1200mV, PVIN = 5V, fSW = 1000kHz
VOUT = 1800mV, PVIN = 5V, fSW = 1500kHz
VOUT = 600mV, PVIN = 12V, fSW = 500kHz
VOUT = 1200mV, PVIN = 12V, fSW = 1000kHz
VOUT = 1800mV, PVIN = 12V, fSW = 1500kHz
IOUT (A)
0
1
2
3
4
5
6
7
8
9
10
–0.0010
–0.0008
–0.0006
–0.0004
–0.0002
0.0000
0.0002
0.0004
0.0006
0.0008
0.0010
EXTVCC = 4V
XGL4030-471
VOUT = 705mV, LOAD = 0A, 1A, 2A, 3A, fSW = 800kHz
VOUT = 940mV, LOAD = 0A, 1A, 2A, 3A, fSW = 750kHz
VOUT = 1175mV, LOAD = 0A, 1A, 2A, 3A, fSW = 700kHz
VIN (V)
0
2
4
6
8
10
12
14
16
–0.05
–0.04
–0.03
–0.02
–0.01
0.00
0.01
0.02
0.03
0.04
0.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com