Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT7184S Datasheet(PDF) 14 Page - Analog Devices

Part # LT7184S
Description  Dual Channel 9A, 16V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7184S Datasheet(HTML) 14 Page - Analog Devices

Back Button LT7184S Datasheet HTML 10Page - Analog Devices LT7184S Datasheet HTML 11Page - Analog Devices LT7184S Datasheet HTML 12Page - Analog Devices LT7184S Datasheet HTML 13Page - Analog Devices LT7184S Datasheet HTML 14Page - Analog Devices LT7184S Datasheet HTML 15Page - Analog Devices LT7184S Datasheet HTML 16Page - Analog Devices LT7184S Datasheet HTML 17Page - Analog Devices LT7184S Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
Data Sheet
LT7184S
analog.com
Rev. 0
14 of 52
PIN
Name
DESCRIPTION
15
VSENSE1N
Output voltage negative sense input. Connect to the Channel 1 output voltage sense
ground point.
16
VSENSE1P
Output voltage positive sense input. Connect to the Channel 1 output voltage sense
point.
17
WP
Write protect pin. When this pin is high, only the PAGE, OPERATION, MFR_EE_UNLOCK,
and CLEAR_FAULTS commands are write-able. Clear individual fault bits by writing a 1
to the respective bits in the STATUS commands.
18
VOUT1_CFG
Output voltage configuration for Channel 1 or poly phase configuration. If the PWM_CFG
pin is NOT configured for PolyPhase, the 1% resistor from VOUT1_CFG to the ground (either
SGND or PGND) will be selected as the voltage set point according to Table 7 in the
Applications Information section. If the PWM_CFG pin is configured for poly phase
operation, then the Channel 1 output is set to the same value as Channel 0 based on
VOUT0_CFG, and a 1% resistor from VOUT1_CFG to ground selects a PolyPhase configuration
according to Table 10 in the Applications Information section. The VOUT1_CFG pin is read at
LT7184S start-up.
19
EXTVCC
Optional Power Supply input. If connected to 3V to 5.5V, this pin is used to derive the
DRVCC, INTVCC, and VDD18 supplies. If one of the regulator outputs is set to output 3V or
greater, that output may be connected to EXTVCC to reduce power loss. If this pin is not
connected to a regulator output, apply a 0.1µF or greater local bypass capacitor on this
pin to GND as close as possible to the LT7184S.
20
RUN0
Channel 0 Regulator Enable Input. Logic high enables the Channel 0 regulator. The RUN0
pin is pulled down with 1.5mA (typical) during POR and reset to facilitate sequencing
with other regulators but may be over-driven high by a digital output of another device.
This pin may be connected directly to DRVCC to enable the regulator when input power
is present.
21
RUN1
Channel 1 Regulator Enable Input. Logic high enables the Channel 1 regulator. The RUN0
pin is pulled down with 1.5mA (typical) during POR and reset to facilitate sequencing
with other regulators but may be over-driven high by a digital output of another device.
This pin may be tied directly to DRVCC to enable the regulator when input power is
present.
22
SHARE_CLK
Bidirectional Open-Drain Sequence Time Base Share Clock. Nominally 100kHz. Used to
align start-up and shutdown of regulator outputs among multiple Analog Devices’
products when PolyPhase or time-based sequencing is employed. A pull-up resistor to
1.6V to 5.5V is required if SHARE_CLK is connected between multiple devices to
synchronize sequencing. If time-based sequencing is not used, leave the SHARE_CLK pin
floating. It is pulled up to VDD18 inside the chip through a diode and a 100kΩ resistor.
23
FAULT1
Input/Open-Drain Output. The LT7184S pulls the FAULT1 pin down with 1.5mA (typical)
when an unmasked fault occurs on the Channel 1 regulator. If another device pulls down
the FAULT1 pin, the LT7184 Channel 1 regulator turns off immediately. If PolyPhase
configuration is used, tie together the FAULTN pins of all PolyPhase channels. If
the PolyPhase configuration is used, or if FAULTN pin reporting or sharing is required,
a pull-up resistor of 6.8kΩ or greater to 1.6V to 5.5V is required. FAULT1 pin may be
connected directly to DRVCC if the FAULT1 pin function is not required.
24
FAULT0
FAULT0
Input/Open-Drain Output. The LT7184S pulls the FAULT0 pin down with 1.5mA
(typical) when an unmasked fault occurs on the Channel 0 regulator. If another device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com