Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT7184S Datasheet(PDF) 45 Page - Analog Devices

Part # LT7184S
Description  Dual Channel 9A, 16V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7184S Datasheet(HTML) 45 Page - Analog Devices

Back Button LT7184S Datasheet HTML 41Page - Analog Devices LT7184S Datasheet HTML 42Page - Analog Devices LT7184S Datasheet HTML 43Page - Analog Devices LT7184S Datasheet HTML 44Page - Analog Devices LT7184S Datasheet HTML 45Page - Analog Devices LT7184S Datasheet HTML 46Page - Analog Devices LT7184S Datasheet HTML 47Page - Analog Devices LT7184S Datasheet HTML 48Page - Analog Devices LT7184S Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
Data Sheet
LT7184S
analog.com
Rev. 0
45 of 52
COMMAND
CODE
DESCRIPTION
TYPE
PAGED
FORMAT
UNITS
NVM
DEFAULT
VOUT_MODE
0x20
Output voltage format and
exponent.
R Byte
N
Register
0x60
VOUT_COMMAND
0x21
Nominal output voltage set
point.
R/W
Word
Y
IEEE or
UL16
V
Y
0.5V
(0x3800)
VOUT_MAX
0x24
The upper limit on the
commanded output voltage.
R/W
Word
Y
IEEE or
UL16
V
Y
0.537V
(0X384c)
VOUT_MARGIN_HIGH
0X25
Margin high output voltage
set point.
R/W
Word
Y
IEEE or
UL16
V
Y
0.525V
(0X3833)
VOUT_MARGIN_LOW
0X26
Margin low output voltage
set point.
R/W
Word
Y
IEEE or
UL16
V
Y
0.475V
(0X379A)
VOUT_TRANSITION_RATE
0x27
Rate the output voltage
changes when VOUT
is commanded to a new
value.
R/W
Word
Y
IEEE or
L11
V/ms
Y
0.25V/ms
(0x3400)
FREQUENCY_SWITCH
0x33
Switching frequency of the
regulator.
R/W
Word
N
IEEE or
L11
kHz
Y
1000.0
(0x63D0)
VIN_ON
0x35
Input voltage at which the
unit should start power
conversion.
R/W
Word
Y
IEEE or
L11
V
Y
Ch0:1.5V
(0x3E00)
Ch1:1.4V
(0x3D9A)
VIN_OFF
0x36
Input voltage at which the
unit should stop power
conversion.
R/W
Word
y
IEEE or
L11
V
Y
Ch0:1.45V
(0x3DCD)
Ch1:1.35V
(0x3D66)
VOUT_OV_FAULT_LIMIT
0x40
Output overvoltage fault
limit.
R/W
Word
Y
IEEE or
L11
V
Y
0.55V
(0x3866)
VOUT_OV_FAULT_RESPONSE
0x41
Action to be taken by the
device when an output
overvoltage fault is
detected.
R/W
Byte
Y
Register
Y
0xB8
VOUT_OV_WARN_LIMIT
0x42
Output overvoltage warning
limit.
R/W
Word
Y
IEEE or
L11
V
Y
0.537V
(0x384C)
VOUT_UV_WARN_LIMIT
0x43
Output undervoltage
warning limit.
R/W
Word
Y
IEEE or
L11
V
Y
0.467V
(0x3779)
VOUT_UV_FAULT_LIMIT
0x44
Output undervoltage fault
limit
R/W
Word
Y
IEEE or
L11
V
Y
0.465V
(0x3771)
VOUT_UV_FAULT_RESPONSE
0x45
Action to be taken by the
device when an output
undervoltage fault is
detected.
R/W
Byte
Y
Register
Y
0x00
IOUT_OC_FAULT_RESPONSE
0x47
Action to be taken by the
device when an output over
the current fault is detected.
R/W
Byte
Y
Register
Y
0x00
IOUT_OC_WARN_LIMIT
0x4A
Output overcurrent warning
limit.
R/W
Word
Y
IEEE or
L11
A
Y
11.0A
(0x4980)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com