Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT7184S Datasheet(PDF) 22 Page - Analog Devices

Part # LT7184S
Description  Dual Channel 9A, 16V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7184S Datasheet(HTML) 22 Page - Analog Devices

Back Button LT7184S Datasheet HTML 18Page - Analog Devices LT7184S Datasheet HTML 19Page - Analog Devices LT7184S Datasheet HTML 20Page - Analog Devices LT7184S Datasheet HTML 21Page - Analog Devices LT7184S Datasheet HTML 22Page - Analog Devices LT7184S Datasheet HTML 23Page - Analog Devices LT7184S Datasheet HTML 24Page - Analog Devices LT7184S Datasheet HTML 25Page - Analog Devices LT7184S Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
Data Sheet
LT7184S
analog.com
Rev. 0
22 of 52
THEORY OF OPERATION
Overview
The LT7184S is a dual-output monolithic PolyPhase DC/DC synchronous step-down regulator. The S in the LT7184S
refers to the second-generation Silent Switcher® technology, which provides fast and clean switching edges, reduces
overall solution size, improves efficiency, and minimizes EMI emissions. The I2C-based serial interface is compatible
with PMBus 1.3, which supports bus speeds up to 1MHz.
Major features include:
Programmable Output Voltage.
Programmable Current Limit.
Programmable Switching Frequency.
Programmable Output Overvoltage and Undervoltage Fault and Warning Thresholds.
Programmable On and Off Delay Times.
Programmable Output Rise/Fall Times.
Programmable Control Loop Compensation.
Programmable Input Undervoltage Threshold.
Dedicated Power Good Output Pin for Each Channel.
Phase-Locked Loop (PLL) for Synchronous, PolyPhase Operation (2, 3, 4, 6, or 8 Phases).
Input and Output Voltage, Output Current, and Die Temperature Telemetry.
Fully Differential Remote VOUT Sense.
Nonvolatile Configuration Memory (NVM) with Error Correcting Code (ECC).
Nonvolatile Event-Based Fault Log.
Optional External Configuration Resistors for Key Operating Parameters.
Optional Time-Based Interconnect for Synchronization Between Multiple Devices.
WP Pin to Write-Protect Internal Configuration.
Standalone Operation using Configuration Resistors or NVM.
A variety of mechanisms for fault and warning handling are available. Fault and warning detection capabilities
include:
Output Undervoltage/Overvoltage Fault and Warning.
Internal Overtemperature Fault and Warning.
Communication, Memory, or Logic (CML) Fault.
Input Overvoltage Fault and Undervoltage Warning.
Output Overcurrent Fault and Warning.
Internal Reference Fault.
External Fault Detection via the Bidirectional FAULT Pins.
A dedicated ALERT pin is provided to indicate that faults or warnings have occurred.
Individual status commands enable fault and warning reporting to identify the specific event.
The LT7184S's FAULT pins enable fault sharing between channels and with other Analog Devices’ power system
management products, including the LTC3880, LTC2974, LTC2978, LTC4676 μModule®, etc. Fault reporting and
shutdown behavior are fully configurable using the FAULT pins and the MFR_FAULT_PROPAGATE_LT7184S
command. Faults can be individually masked, and the fault responses can be programmed to retry (unlatched) or
latch off the regulator output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com