Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT7184S Datasheet(PDF) 20 Page - Analog Devices

Part # LT7184S
Description  Dual Channel 9A, 16V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7184S Datasheet(HTML) 20 Page - Analog Devices

Back Button LT7184S Datasheet HTML 16Page - Analog Devices LT7184S Datasheet HTML 17Page - Analog Devices LT7184S Datasheet HTML 18Page - Analog Devices LT7184S Datasheet HTML 19Page - Analog Devices LT7184S Datasheet HTML 20Page - Analog Devices LT7184S Datasheet HTML 21Page - Analog Devices LT7184S Datasheet HTML 22Page - Analog Devices LT7184S Datasheet HTML 23Page - Analog Devices LT7184S Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
Data Sheet
LT7184S
analog.com
Rev. 0
20 of 52
Figure 28. Maximum Output Current Change with
Temperature
Figure 29. Efficiency/Power Loss, Full-Load Range
Figure 30. Load Regulation VOUT = 1V,
Full-Load Range
Figure 31. Radiated EMI Performance No-Load
(CISPR25 Radiated Emission Test with Class 5
Peak Limits)
Figure 32. Radiated EMI Performance Full-Load
(CISPR25 Radiated Emission Test with Class 5 Peak Limits)
EXTVCC = 4V
XGL5030-601
VOUT = 1.2V
PVIN = 12V
fSW = 1000kHz
IOUTMAX CHANGE RANGE 0
IOUTMAX CHANGE RANGE 1
IOUTMAX CHANGE RANGE 2
IOUTMAX CHANGE RANGE 3
READ TEMPERATURE (°C)
–50
–30
–10
10
30
50
70
90
110
130
150
–5
–4
–3
–2
–1
0
1
2
EXTVCC = 4V
XGL5030-521
CURRENT LIMIT RANGE = 3
POWER LOSS
fSW = 1000kHz
VOUT = 1V
PVIN = 12V
FASTSLEW = 1
FASTSLEW = 0
IOUT (A)
–10
–8
–6
–4
–2
0
2
4
6
8
10
30
40
50
60
70
80
90
100
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
EFFICIENCY
–10
–8
–6
–4
–2
0
2
4
6
8
10
PVIN = 12V
fSW = 1000kHz
XGL5030-521
VOUT FASTSLEW = 1
VOUT FASTSLEW = 0
0.990
0.992
0.994
0.996
0.998
1.000
1.002
1.004
1.006
1.008
1.010
LOAD CURRENT (A)
CLASS 5 PEAK LIMIT
SLOW SW SLEW RATE
FAST SW SLEW RATE
FREQUENCY (MHz)
0.1
1
10
100
1k
–20
–10
0
10
20
30
40
50
60
EVAL-LT7184S-AZ EV KIT (WITH EMI FILTER INSTALLED),
14V INPUT TO 1.2V AND 3.3V OUTPUT AT NO LOAD,
fSW = 1000kHz
EVAL-LT7184S-AZ EVKIT (WITH EMI FILTER INSTALLED),
14V INPUT TO 1.2V AT 9A AND 3.3V AT 9A OUTPUT,
fSW = 1000kHz
CLASS 5 PEAK LIMIT
SLOW SW SLEW RATE
FAST SW SLEW RATE
FREQUENCY (MHz)
0.1
1
10
100
1k
–20
–10
0
10
20
30
40
50
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com