Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT7184S Datasheet(PDF) 41 Page - Analog Devices

Part # LT7184S
Description  Dual Channel 9A, 16V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7184S Datasheet(HTML) 41 Page - Analog Devices

Back Button LT7184S Datasheet HTML 37Page - Analog Devices LT7184S Datasheet HTML 38Page - Analog Devices LT7184S Datasheet HTML 39Page - Analog Devices LT7184S Datasheet HTML 40Page - Analog Devices LT7184S Datasheet HTML 41Page - Analog Devices LT7184S Datasheet HTML 42Page - Analog Devices LT7184S Datasheet HTML 43Page - Analog Devices LT7184S Datasheet HTML 44Page - Analog Devices LT7184S Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
Data Sheet
LT7184S
analog.com
Rev. 0
41 of 52
Thermal Considerations
Care should be taken in the layout of the PCB to ensure good heat dissipation from the LT7184S package. The ground
pins on the bottom of the package should be soldered to a ground plane. The ground pins should be connected to
the large copper ground plane below the LT7184S with thermal vias; the ground plane will spread the heat dissipated
by the LT7184S. Placing additional vias can reduce thermal resistance further. The maximum load current must be
derated as the ambient temperature rises such that the junction temperature approaches the maximum junction
temperature rating.
The temperature rise of the LT7184S is worst when operating at a very high load, high PVIN, and high switching
frequency. If the case temperature is too high for a given application, then either PVIN, switching frequency, or load
current can be decreased to reduce the temperature to an acceptable level.
The internal junction temperature of the LT7184S is reported via the READ_TEMPERATURE_1 command. When the
internal READ_TEMPERATURE value passes the programmable OT_WARN_LIMIT, the STATUS_TEMPERATURE_OT
Warning bit is set. When the internal READ_TEMPERATURE value passes the programmable OT_FAULT_LIMIT, then
the STATUS_TEMPERATURE_OT Fault flag is set. The LT7184S can be programmed to latch off or restart when the
overtemperature fault occurs. However, the STAUTS_TEMPERATURE_OT Warning and STATUS_TEMPERATURE_OT
Fault flags can only be reset by issuing a CLEAR_FAULTS command or by cycling the OPERATION commands, the RUN
pins, or the EXTVCC and PVIN0 power supplies.
Figure 42. Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com