Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT7184S Datasheet(PDF) 1 Page - Analog Devices

Part # LT7184S
Description  Dual Channel 9A, 16V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7184S Datasheet(HTML) 1 Page - Analog Devices

  LT7184S Datasheet HTML 1Page - Analog Devices LT7184S Datasheet HTML 2Page - Analog Devices LT7184S Datasheet HTML 3Page - Analog Devices LT7184S Datasheet HTML 4Page - Analog Devices LT7184S Datasheet HTML 5Page - Analog Devices LT7184S Datasheet HTML 6Page - Analog Devices LT7184S Datasheet HTML 7Page - Analog Devices LT7184S Datasheet HTML 8Page - Analog Devices LT7184S Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
Data Sheet
LT7184S
Dual Channel 9A, 16V PolyPhase Step-Down Silent Switcher 2 with Digital Power
System Management
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
One Analog Wa y, Wilmington, MA 01887 - 2356, U.S.A.
T el: 781.329.4700
© 2024 Analog D evic es, Inc. Al l rig hts r eser ved.
FEATURES
Silent Switcher® 2 Architecture: Enables Compact,
Efficient, Low EMI Solution
PMBus/I2C Serial Interface
Telemetry Read Back Includes: VOUT, IOUT, VIN, Die
Temperature, Faults
Programmable Voltage, Current Limit, Digital
Soft-Start/Stop, Sequencing, UV/OV, Phase,
Frequency (up to 4MHz), Loop Compensation
Integrated EEPROM with Fault Event Log
Set Key Parameters with Configuration Resistors for
Operation without Programming
±0.25% Output Voltage Accuracy over Temperature
from 0.6V to 1.375V
PolyPhase® Load Sharing for up to Eight Phases
Wide VIN Range: Down to 2.9V, or 1.5V with EXTVCC up
to 16V
Over 94% Peak Efficiency at 1MHz, 12VIN to 3.3VOUT
VOUT Range: 0.4V to 5.5V (up to 85% x VIN)
Differential Remote VOUT Sense
External Frequency Synchronization
36-Lead (4mm x 5mm) LQFN Package
APPLICATIONS
Communications, Storage, and Industrial Systems
Data Center and Solid-State Drive Power Supplies
DESCRIPTION
The LT7184S is a dual-output monolithic PolyPhase
DC/DC synchronous step-down regulator that delivers
up to 7A of continuous current from both channels
simultaneously and supports loads from -8A to +9A in
either channel. The LT7184S features second-
generation
Silent
Switcher®
architecture
with
integrated VIN bypass capacitors for fast, clean, low-
overshoot switching edges to deliver high efficiency at
high
switching
frequencies
and
minimize
Electromagnetic interference (EMI) emissions. The I2C-
based PMBus 1.3-compliant serial interface enables
control of device functions and provides telemetry
information for system monitoring. The LT7184S is
supported by the LTpowerPlay® graphical user
interface tool. The output voltage, frequency, phase,
and device address can be configured using resistors for
operation without programming. Settings can also be
written via the serial interface and/or stored in EEPROM.
The controlled on-time valley current mode control
architecture with 25ns (typical) minimum on-time
enables high switching frequency at low output voltage
with excellent transient response in a small overall
solution size.
TYPICAL APPLICATION
Figure 1. Typical Application for the LT7184S
Figure 2. LT7184S 12VIN Typical Application Efficiency
LT7184S
ASEL
VOUT1_CFG
PVIN0 PVIN1
SHARE_CLK
VSENSE0P
VSENSE1P
VSENSE0N
VSENSE1N
VOUT0_CFG
SW1
SW0
107kΩ
10µF
VOUT0
3.3V/9A
PVIN 10V TO 16V
107kΩ
EXTVCC
VOUT1
1.2V/9A
INTVCC
ITH0
DRVCC
10.1µF
ITH1
RUN0
RUN1
51.1kΩ
330µF
WP
PGOOD0
PGOOD1
VDD18
330µF
4.7µF
FAULT1
FAULT0
SDA
SCL
6.8kΩ
10kΩ
ALERT
2.2µH
1.0µH
PMBUS/I2C BUS
0.1µF
BOOST1
PWM_CFG
0.1µF
BOOST0
SGND
PGND
SYNC
10µF
10µF
51.1kΩ
SELECTS 1.2V
107kΩ
SELECTS 3.3V
107kΩ
SELECTS 500kHz
CITH = 165pF
RITH = 60kΩ
gMEA = 155µs,
SYNC INPUT


Similar Part No. - LT7184S

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT7184S AD-LT7184S Datasheet
1Mb / 52P
Dual Channel 9A, 16V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
Rev A; 8/25
LT7184SRV#PBF AD-LT7184SRV#PBF Datasheet
1Mb / 52P
Dual Channel 9A, 16V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
Rev A; 8/25
LT7184SRV#TRPBF AD-LT7184SRV#TRPBF Datasheet
1Mb / 52P
Dual Channel 9A, 16V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
Rev A; 8/25
LT7184S AD-LT7184S_V01 Datasheet
1Mb / 52P
Dual Channel 9A, 16V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
Rev A; 8/25
More results

Similar Description - LT7184S

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3870 LINER-LTC3870_15 Datasheet
936Kb / 22P
PolyPhase Step-Down Slave Controller for LTC3880/LTC3883 with Digital Power System Management
LTC3880 LINER-LTC3880_15 Datasheet
1Mb / 116P
Dual Output PolyPhase Step-Down DC/DC Controller with Digital Power System Management
LTC3880-1 LINER-LTC3880-1_15 Datasheet
1Mb / 116P
Dual Output PolyPhase Step-Down DC/DC Controller with Digital Power System Management
LTC3882 LINER-LTC3882_15 Datasheet
1Mb / 104P
Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
LTC3887EUJ-1 LINER-LTC3887EUJ-1 Datasheet
699Kb / 12P
Dual Output PolyPhase Step-Down DC/DC Converter with Digital Power System Management
LTC3870 LINER-LTC3870 Datasheet
911Kb / 22P
PolyPhase Step-Down Slave Controller for Digital Power System Management
LTC3870-1 LINER-LTC3870-1 Datasheet
1Mb / 20P
PolyPhase Step-Down Slave Controller for Digital Power System Management
LTC3882-1 LINER-LTC3882-1 Datasheet
823Kb / 108P
Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
logo
Analog Devices
LT8650S-1 AD-LT8650S-1 Datasheet
1Mb / 32P
Dual Channel 4A, 42V, Synchronous Step-Down Silent Switcher
LT7182S AD-LT7182S Datasheet
1Mb / 38P
Dual Channel 6A, 20V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com