Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT7184S Datasheet(PDF) 48 Page - Analog Devices

Part # LT7184S
Description  Dual Channel 9A, 16V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7184S Datasheet(HTML) 48 Page - Analog Devices

Back Button LT7184S Datasheet HTML 44Page - Analog Devices LT7184S Datasheet HTML 45Page - Analog Devices LT7184S Datasheet HTML 46Page - Analog Devices LT7184S Datasheet HTML 47Page - Analog Devices LT7184S Datasheet HTML 48Page - Analog Devices LT7184S Datasheet HTML 49Page - Analog Devices LT7184S Datasheet HTML 50Page - Analog Devices LT7184S Datasheet HTML 51Page - Analog Devices LT7184S Datasheet HTML 52Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 48 / 52 page
background image
Data Sheet
LT7184S
analog.com
Rev. 0
48 of 52
COMMAND
CODE
DESCRIPTION
TYPE
PAGED
FORMAT
UNITS
NVM
DEFAULT
MFR_USER_DATA_00
0xC9
EEPROM word available for
user.
R/W
Word
N
Register
Y
0x0000
MFR_USER_DATA_01
0xCA
EEPROM word available for
user.
R/W
Word
N
Register
Y
0x0000
MFR_USER_DATA_02
0xCB
EEPROM word available for
user.
R/W
Word
N
Register
Y
0x0000
MFR_USER_DATA_03
0xCC
EEPROM word available for
user.
R/W
Word
N
Register
Y
0x0000
MFR_READ_EXTVCC
0xCD
Measured EXTVCC voltage,
when applied.
R Word
N
IEEE or
L11
V
MFR_READ_ITH
0xCE
Measured ITH voltage, when
enabled.
R Word
Y
IEEE or
L11
V
MFR_CHAN_CONFIG_LT7184S
0xD0
Configuration bits that are
channel-specific.
R/W
Word
Y
Register
Y
Ch0:
0x08D6
Ch1:
0x0856
MFR_CONFIG_ALL_LT7184S
0xD1
General configuration bits.
Default to select IEEE half-
precision floating-point
format.
R/W
Word
N
Register
Y
0x0100
MFR_FAULT_PROPAGATE_LT
7184S
0xD2
Configuration that
determines which faults are
propagated to the FAULTN
pins.
R/W
Word
Y
Register
Y
0xE0D7
MFR_PWM_MODE_LT718 4S
0xD4
Configuration for the PWM
engine.
R/W
Word
Y
Register
Y
0x0DD8
MFR_FAULT_RESPONSE
0xD5
Action to be taken by the
device when the channel's
FAULTN
pin is externally
asserted low.
R/W
Byte
Y
Register
Y
0xC0
MFR_IOUT_PEAK
0xD7
Report the maximum
measured value of
READ_IOUT since the last
MFR_CLEAR_PEAKS.
R Word
Y
IEEE or
L11
A
MFR_ADC_CONTROL_
LT7184S
0xD8
Configures the update rate
of the measurements taken
by the ADC.
R/W
Byte
N
Register
Y
0x00
MFR_RETRY_DELAY
0xDB
Retry interval during fault
retry mode.
R/W
Word
Y
IEEE or
L11
ms
Y
10.0ms
(0x4900)
MFR_RESTART_DELAY
0xDC
The minimum time the
RUNN pin is held low by the
LT7184S
R/W
Word
Y
IEEE or
L11
ms
Y
10.0ms
(0x4900)
MFR_VOUT_PEAK
0xDD
The maximum measured
value of READ_VOUT since
the last MFR_CLEAR_PEAKS
command.
R Word
Y
IEEE or
UL16
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com