Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT7184S Datasheet(PDF) 50 Page - Analog Devices

Part # LT7184S
Description  Dual Channel 9A, 16V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7184S Datasheet(HTML) 50 Page - Analog Devices

Back Button LT7184S Datasheet HTML 44Page - Analog Devices LT7184S Datasheet HTML 45Page - Analog Devices LT7184S Datasheet HTML 46Page - Analog Devices LT7184S Datasheet HTML 47Page - Analog Devices LT7184S Datasheet HTML 48Page - Analog Devices LT7184S Datasheet HTML 49Page - Analog Devices LT7184S Datasheet HTML 50Page - Analog Devices LT7184S Datasheet HTML 51Page - Analog Devices LT7184S Datasheet HTML 52Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 50 / 52 page
background image
Data Sheet
LT7184S
analog.com
Rev. 0
50 of 52
COMMAND
CODE
DESCRIPTION
TYPE
PAGED
FORMAT
UNITS
NVM
DEFAULT
MFR_PWM_PHASE_LT7184S
0xF5
Set PWM phase.
R/W
Word
Y
IEEE or
L11
Degrees
Y
Ch0:0
(0x0000)
Ch1:180.0
(0x59A0)
MFR_SYNC_CONFIG_LT7184S
0xF6
SYNC pin input/output
configuration.
R/W
Byte
N
Register
Y
0x00
MFR_PIN_CONFIG_STATUS
0xF7
Pin configuration fault
status.
R Byte
N
Register
MFR_RAIL_ADDRESS
0xFA
Common address for
PolyPhase outputs to adjust
common parameters.
R/W
Byte
Y
Register
Y
0x80
MFR_DISABLE_OUTPUT
0xFB
Disables regulator outputs
until reset.
R/W
Byte
N
Register
0x00
MFR_EE_USER_WP
0xFC
Disables commands that
write user NVM.
R/W
Byte
N
Register
Y
0x00
MFR_RESET
0xFD
Command reset without
requiring a power down.
Send
Byte
N
Table 17.Supported Data Formats
PMBus
DEFINITION
EXAMPLES
TERMINOLOGY
SPECIFICATION
REFERENCE
L11
Linear11
Rev 1.3.1 Part II 7.3
Floating point 16-but data:
Value = Y × 2N
Where N = Exponent = b[14:11] and Y = b[10:0].
Both exponent and fraction are two
complement-coded binary integers.
b[15:0] = 0x9807
= 7 x 2-13 = 8.54 x 10-4
b[15:0] = 0x7FFE
= -2
x 27 = -256
UL16
ULinear16
Rev 1.3.1 Part II
8.4.1.1
Fixed point 16-bit data:
Value = Y × 2( −12)
Where Y = decimal(b[15:0]), an unsigned
integer
b[15:0] = 0x4D80 =
19840 x 2-12 = 4.84375
Register
Per-bit meaning is defined in the command
description in the LT7184S PMBus/I2C
Reference Manual.
PMBus STATUS_BYTE
command.
IEEE
IEEE-754 Half
Precision Floating
Point
Rev 1.3.1 Part II
8.4.4
Floating point 16-bit data: for normal values:
������������������������������ = (−1)������ × 2������ × (������ +
������
1024
)
Where:
S = b[15];
N = Exponent Bias encoding of
b[14:10], if b[14:10] = 0, N = -14,
else N = decimal (b[14:10])-15;
P = 0 if b[14:10] = 0, otherwise P = 1;
and M = decimal(b[9:0]).
b[15:0] = 0x8001 =
(-1)1 x 2–14 (0+1/1024) =
-5.97 x 10-8
b[15:0] = 0x3E4C =
(-1)0 x 20 x
(1+588/1024) = 1.57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com