Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT7184S Datasheet(PDF) 42 Page - Analog Devices

Part # LT7184S
Description  Dual Channel 9A, 16V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7184S Datasheet(HTML) 42 Page - Analog Devices

Back Button LT7184S Datasheet HTML 38Page - Analog Devices LT7184S Datasheet HTML 39Page - Analog Devices LT7184S Datasheet HTML 40Page - Analog Devices LT7184S Datasheet HTML 41Page - Analog Devices LT7184S Datasheet HTML 42Page - Analog Devices LT7184S Datasheet HTML 43Page - Analog Devices LT7184S Datasheet HTML 44Page - Analog Devices LT7184S Datasheet HTML 45Page - Analog Devices LT7184S Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
Data Sheet
LT7184S
analog.com
Rev. 0
42 of 52
TYPICAL APPLICATIONS
Figure 43. Dual Regulator with Pin-Strap Output Sequencing
LT7184S
ASEL
VOUT1_CFG
PVIN0 PVIN1
SHARE_CLK
VSENSE0P
VSENSE1P
VSENSE0N
VSENSE1N
VOUT0_CFG
SW1
SW0
107kΩ
10µF
VOUT0
3.3V/9A
PVIN 10V TO 16V
107kΩ
EXTVCC
VOUT1
1.2V/9A
INTVCC
ITH0
DRVCC
10.1µF
ITH1
RUN0
RUN1
51.1kΩ
330µF
WP
PGOOD0
PGOOD1
VDD18
330µF
4.7µF
FAULT1
FAULT0
SDA
SCL
6.8kΩ
10kΩ
ALERT
2.2µH
1.0µH
PMBUS/I2C BUS
0.1µF
BOOST1
PWM_CFG
0.1µF
BOOST0
SGND
PGND
SYNC
10µF
10µF
51.1kΩ
SELECTS 1.2V
107kΩ
SELECTS 3.3V
107kΩ
SELECTS 500kHz
CITH = 165pF
RITH = 60kΩ
gMEA = 155µs,
SYNC INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com