Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT7184S Datasheet(PDF) 32 Page - Analog Devices

Part # LT7184S
Description  Dual Channel 9A, 16V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7184S Datasheet(HTML) 32 Page - Analog Devices

Back Button LT7184S Datasheet HTML 28Page - Analog Devices LT7184S Datasheet HTML 29Page - Analog Devices LT7184S Datasheet HTML 30Page - Analog Devices LT7184S Datasheet HTML 31Page - Analog Devices LT7184S Datasheet HTML 32Page - Analog Devices LT7184S Datasheet HTML 33Page - Analog Devices LT7184S Datasheet HTML 34Page - Analog Devices LT7184S Datasheet HTML 35Page - Analog Devices LT7184S Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
Data Sheet
LT7184S
analog.com
Rev. 0
32 of 52
Table 10. PolyPhase Operation VOUT1_CFG Pin Configuration Resistor Selection
RESISTOR
VALUE
(±1%)1
PWM
FREQUENCY2
PWM PHASE3
POLYPHASE®
FOLLOWER4
SYNC CLOCK:
OUTPUT / INPUT5
CH0
CH1
CH0
CH1
Floating or
VDD18
Initialized
from NVM
(default 1MHz)
Initialized
from NVM
(default 0°)
Initialized
from NVM
(default 180°)
Initialized from NVM
(default 0, leader)
Initialized from
NVM
(default 0, input)
124kΩ
500kHz
0°
180°
0
(leader)
1
(follower)
1
(output)
80.6kΩ
1MHz
36.5kΩ
2MHz
16.5kΩ
4MHz
107kΩ
500kHz
0
(input)
69.8kΩ
1MHz
30.9kΩ
2MHz
11.8kΩ
4MHz
93.1kΩ
500kHz
90°
270°
1
(follower)
1
(follower)
60.4kΩ
1MHz
25.5kΩ
2MHz
6.65kΩ
4MHz
51.1kΩ
1MHz
120°
240°
1
(output)
21.0kΩ
2MHz
43.2kΩ
1MHz
60°
300°
0
(input)
0kΩ (GND)
2MHz
1
Table 10 applies only if PWM_CFG is connected to a 5.6kΩ configuration resistor. Otherwise, VOUT1_CFG controls the
output voltage for Channel 1 according to Table 7.
2
PWM switching frequency is controlled by the FREQUENCY_SWITCH and MFR_PWM_MODE_ LT7184S Bit 15, if no
SYNC input clock is present.
3
Steady-state PWM switching phase is controlled by MFR_PWM_PHASE_LT7184S.
4
POLYPHASE® follower mode is controlled by MFR_CHAN_CONFIG_LT7184S bit 8. A value of 1 selects follower mode,
and a value of 0 selects leader mode. Exactly one channel must be selected as a leader.
5
The SYNC pin is a clock output when MFR_SYNC_CONFIG_LT7184S bit 0 is set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com