Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT7184S Datasheet(PDF) 10 Page - Analog Devices

Part # LT7184S
Description  Dual Channel 9A, 16V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7184S Datasheet(HTML) 10 Page - Analog Devices

Back Button LT7184S Datasheet HTML 6Page - Analog Devices LT7184S Datasheet HTML 7Page - Analog Devices LT7184S Datasheet HTML 8Page - Analog Devices LT7184S Datasheet HTML 9Page - Analog Devices LT7184S Datasheet HTML 10Page - Analog Devices LT7184S Datasheet HTML 11Page - Analog Devices LT7184S Datasheet HTML 12Page - Analog Devices LT7184S Datasheet HTML 13Page - Analog Devices LT7184S Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
Data Sheet
LT7184S
analog.com
Rev. 0
10 of 52
FREQUENCY_SWITCH and is guaranteed for duty cycles < 50%; current limits are specified at VOUT/L = 2V/μH
and FREQUENCY_SWITCH = 1000. Maximum load current is higher with positive loads and equals the valley
current plus one-half of the inductor ripple current. Maximum load current is lower with negative loads
and equals the valley current minus one-half of the inductor ripple current. See the Applications
Information section and Typical Performance Characteristics for more details.
3
READ_IOUT is tested in a production test mode at full rated current where ISW flows through the
synchronous switch at 100% duty cycle. In applications, READ_IOUT is calculated from sampled current
measurements across the synchronous switch.
4
EEPROM endurance is guaranteed by design, characterization, and correlation with statistical process
controls. Data retention is production tested via a high-temperature bake at the wafer level. The minimum
retention specification applies for devices whose EEPROM has been cycled less than the minimum
endurance specification.
5
Guaranteed by design, characterization, and correlation with statistical process controls.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com