Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7406 Datasheet(PDF) 53 Page - STMicroelectronics

Part # TDA7406
Description  Car radio signal processor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7406 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button TDA7406 Datasheet HTML 49Page - STMicroelectronics TDA7406 Datasheet HTML 50Page - STMicroelectronics TDA7406 Datasheet HTML 51Page - STMicroelectronics TDA7406 Datasheet HTML 52Page - STMicroelectronics TDA7406 Datasheet HTML 53Page - STMicroelectronics TDA7406 Datasheet HTML 54Page - STMicroelectronics TDA7406 Datasheet HTML 55Page - STMicroelectronics TDA7406 Datasheet HTML 56Page - STMicroelectronics TDA7406 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 64 page
background image
TDA7406
I2C bus interface
53/64
Note:
This byte is used for testing or evaluation purposes only and must not set to other values
than “11111110” in the application!
Table 20.
Testing Audioprocessor (21)
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
1
Audioprocessor Testmode
off
on
0
1
0
1
0
1
X
0
1
X
X
X
0
0
0
0
0
0
0
1
1
1
1
1
0
0
0
0
1
1
1
0
0
0
1
1
0
0
1
1
0
0
1
0
0
1
0
1
Test-Multiplexer
Spectrum Analyzer Filter
62Hz
Spectrum Analyzer Filter
157Hz
Spectrum Analyzer Filter
400Hz
Spectrum Analyzer Filter
1kHz
Spectrum Analyzer Filter 2.51kHz
Spectrum Analyzer Filter 6.34kHz
Spectrum Analyzer Filter
16kHz
Not Allowed
not used
200kHz Oscillator
NB-Hold
internal Reference
0
1
Clock
external
internal
0
1
AZ Function
off
on
0
1
SC-Clock
Fast Mode
Normal Mode
Table 21.
Stereodecoder (22)
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
1
STD Unmuted
STD Muted
0
0
1
1
0
1
0
1
IN-Gain 11dB
IN-Gain 8.5dB
IN-Gain 6dB
IN-Gain 3.5dB
0
1
Stereodecoder Input
AM
MPX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com