Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7406 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7406
Description  Car radio signal processor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7406 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7406 Datasheet HTML 7Page - STMicroelectronics TDA7406 Datasheet HTML 8Page - STMicroelectronics TDA7406 Datasheet HTML 9Page - STMicroelectronics TDA7406 Datasheet HTML 10Page - STMicroelectronics TDA7406 Datasheet HTML 11Page - STMicroelectronics TDA7406 Datasheet HTML 12Page - STMicroelectronics TDA7406 Datasheet HTML 13Page - STMicroelectronics TDA7406 Datasheet HTML 14Page - STMicroelectronics TDA7406 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
TDA7406
Audioprocessor part
11/64
–
Single-ended monaural output
–
control range 95dB (+15...-79dB) in 1dB steps with soft step.
–
separate mute
●
Mute functions
–direct mute
–
digitally controlled Soft mute with 4 programmable mute-time
3.2
Audioprocessor electrical characteristics
Table 4.
Audioprocessor electrical characteristics
(VS=9V; Tamb=25°C; RL=10kΩ; all gains=0dB; f=1kHz; unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
INPUT SELECTOR
Rin
Input Resistance
all single ended Inputs
70
100
130
k
Ω
VCL
Clipping Level
2.2
2.6
VRMS
SIN
Input Separation
80
100
dB
GIN MIN Min. Input Gain
-1
0
1
dB
GIN MAX Max. Input Gain
13
15
17
dB
GSTEP
Step Resolution
0.5
1
1.5
dB
VDC
DC Steps
Adjacent Gain Steps
-5
1
5
mV
GMIN to GMAX
-10
1
10
mV
Voffset
Remaining offset with Autozero
0.5
mV
DIFFERENTIAL STEREO INPUTS
Rin
Input Resistance (see Fig. 1)
Differential
70
100
130
k
Ω
CMRR
Common Mode Rejection Ratio
VCM = 1VRMS @ 1kHz
46
70
dB
VCM = 1VRMS @ 10kHz
46
60
dB
eNO
Output-Noise @ Speaker-
Outputs
20Hz - 20kHz, flat; all stages 0dB
11
µV
BEEP CONTROL
VRMS
Beep Level
Mix-Gain = 6dB
250
350
500
mV
fBeep
Beep Frequency
fBeep1
475
500
525
Hz
fBeep2
740
780
820
Hz
fBeep3
1.48
1.56
1.64
kHz
fBeep4
2.28
2.4
2.52
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com