Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7406 Datasheet(PDF) 48 Page - STMicroelectronics

Part # TDA7406
Description  Car radio signal processor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7406 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button TDA7406 Datasheet HTML 44Page - STMicroelectronics TDA7406 Datasheet HTML 45Page - STMicroelectronics TDA7406 Datasheet HTML 46Page - STMicroelectronics TDA7406 Datasheet HTML 47Page - STMicroelectronics TDA7406 Datasheet HTML 48Page - STMicroelectronics TDA7406 Datasheet HTML 49Page - STMicroelectronics TDA7406 Datasheet HTML 50Page - STMicroelectronics TDA7406 Datasheet HTML 51Page - STMicroelectronics TDA7406 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 64 page
background image
I2C bus interface
TDA7406
48/64
Note:
It is not recommended to use a gain more than 20dB for system performance reason. In
general, the max. gain should be limited by software to the maximum value, which is needed
for the system.
Table 11.
Volume (2)
MSB
LSB
ATTENUATION
D7
D6
D5
D4
D3
D2
D1
D0
0
0
:
0
0
0
:
0
0
0
:
1
1
0
0
:
0
0
0
:
0
1
1
:
1
1
0
0
:
0
0
0
:
1
0
0
:
0
0
0
0
:
1
1
1
:
1
0
0
:
1
1
0
0
:
1
1
1
:
1
0
0
:
1
1
0
0
:
0
0
0
:
1
0
0
:
1
1
0
0
:
0
0
1
:
1
0
0
:
1
1
0
1
:
0
1
0
:
1
0
1
:
0
1
Gain/Attenuation
(+32.0dB)
(+31.5dB)
:
+20.0dB
+19.5dB
+19.0dB
:
+0.5dB
0.0dB
-0.5dB
:
-79.0dB
-79.5dB
Table 12.
Equalizer (3,4,5,6,7,8,9)
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
0
:
0
0
1
1
:
1
1
0
0
:
1
1
1
1
:
0
0
0
0
:
1
1
1
1
:
0
0
0
0
:
1
1
1
1
:
0
0
0
1
:
0
1
1
0
:
1
0
Equalizer cut/boost level
-15dB
-14dB
:
-1dB
0dB
0dB
+1dB
:
+14dB
+15dB
0
0
1
1
0
1
0
1
Equalizer Q-Factor
2.2
1.8
1.4
1.0
0
1
Equalizer Center Frequency (only
Subaddresses 3,8,9)
62Hz(addr 3)/4kHz(addr 8)/15kHz(addr 9)
100Hz(addr 3)/6.24kHz(addr 8)/16kHz(addr 9)
0
1
DC mode EQ Band 1 (62/100 Hz, Subaddress. 4!)
on
off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com