Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7406 Datasheet(PDF) 42 Page - STMicroelectronics

Part # TDA7406
Description  Car radio signal processor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7406 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button TDA7406 Datasheet HTML 38Page - STMicroelectronics TDA7406 Datasheet HTML 39Page - STMicroelectronics TDA7406 Datasheet HTML 40Page - STMicroelectronics TDA7406 Datasheet HTML 41Page - STMicroelectronics TDA7406 Datasheet HTML 42Page - STMicroelectronics TDA7406 Datasheet HTML 43Page - STMicroelectronics TDA7406 Datasheet HTML 44Page - STMicroelectronics TDA7406 Datasheet HTML 45Page - STMicroelectronics TDA7406 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 64 page
background image
Functional description of the multipath-detector
TDA7406
42/64
10
Functional description of the multipath-detector
Using the Multipath-Detector the audible effects of a multipath condition can be minimized.
A multipath-condition is detected by rectifying the spectrum around 19kHz in the
fieldstrength signal. An external capacitor is used to define the attack- and decay-times for
the Stereoblend (see block diagram, fig. 32). Due to the very small charge currents this
capacitor should be a low leakage current type (e.g ceramic). Using this configuration an
adaptation to the user's requirement is possible without effecting the “normal” fieldstrength
input (LEVEL) for the stereodecoder. This application is given in fig. 28. Another (internal)
time constant is used to control the Highcut through the multipath detector
Selecting the “internal influence” in the configuration byte the Stereo-Blend and/or the
Highcut is automatically invoked during a multipath condition according to the voltage
appearing at the MP_OUT-pin.
Figure 30.
Block diagram of the Multipath-Detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com