Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7406 Datasheet(PDF) 35 Page - STMicroelectronics

Part # TDA7406
Description  Car radio signal processor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7406 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button TDA7406 Datasheet HTML 31Page - STMicroelectronics TDA7406 Datasheet HTML 32Page - STMicroelectronics TDA7406 Datasheet HTML 33Page - STMicroelectronics TDA7406 Datasheet HTML 34Page - STMicroelectronics TDA7406 Datasheet HTML 35Page - STMicroelectronics TDA7406 Datasheet HTML 36Page - STMicroelectronics TDA7406 Datasheet HTML 37Page - STMicroelectronics TDA7406 Datasheet HTML 38Page - STMicroelectronics TDA7406 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 64 page
background image
TDA7406
Functional Description of Stereodecoder
35/64
8
Functional Description of Stereodecoder
Figure 23.
Block diagram of the stereodecoder
The stereodecoder-part of the TDA7406 (see Fig. 25) contains all functions necessary to
demodulate the MPX-signal like pilot tone-dependent MONO/STEREO-switching as well as
“stereoblend” and “highcut”. Adaptations like programmable input gain, roll-off
compensation, selectable de-emphasis time constant and a programmable field strength
input allow to use different IF-devices.
8.1
Stereodecoder-Mute
The TDA7406 has a fast and easy to control RDS-Mute function which is a combination of
the audioprocessor's SoftMute and the high-ohmic mute of the stereodecoder. If the
stereodecoder is selected and a SoftMute command is sent (or activated through the SM-
pin) the stereodecoder will be set automatically to the high-ohmic mute condition after the
audio-signal has been soft muted. Hence a checking of alternate frequencies could be
performed. Additionally the PLL can be set to “Hold”-mode, which disables the PLL input
during the mute time. To release the system from the mute condition simply the unmute-
command must be sent: the stereodecoder is unmuted immediately and the audioprocessor
is softly unmuted. Figure 28 shows the output-signal VO as well as the internal
stereodecoder mute signal. This influence of SoftMute on the stereodecoder mute can be
switched off by setting bit 3 of the SoftMute byte to “0”. A stereodecoder mute command (bit
0, stereodecoder byte set to “1”) will set the stereodecoder in any case independently to the
high-ohmic mute state.
If any other source than the stereodecoder is selected the decoder remains muted and the
MPX-pin is connected to Vref to avoid any discharge of the coupling capacitor through
leakage currents. No further mute command should be applied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com