Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7406 Datasheet(PDF) 38 Page - STMicroelectronics

Part # TDA7406
Description  Car radio signal processor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7406 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button TDA7406 Datasheet HTML 34Page - STMicroelectronics TDA7406 Datasheet HTML 35Page - STMicroelectronics TDA7406 Datasheet HTML 36Page - STMicroelectronics TDA7406 Datasheet HTML 37Page - STMicroelectronics TDA7406 Datasheet HTML 38Page - STMicroelectronics TDA7406 Datasheet HTML 39Page - STMicroelectronics TDA7406 Datasheet HTML 40Page - STMicroelectronics TDA7406 Datasheet HTML 41Page - STMicroelectronics TDA7406 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 64 page
background image
Functional Description of Stereodecoder
TDA7406
38/64
between 0dB and the maximum separation. Internally this control range has a fixed upper
limit which is the internal reference voltage REF5V. The lower limit can be programmed
between 20 and 70% of REF5V in 3.3% steps (see figs.26, 27).
To adjust the external LEVEL-voltage to the internal range two values must be defined: the
LEVEL gain LG and VSBL (see Figure 27). At the point of full channel separation the
external level signal has to be amplified so that internally it becomes equal to REF5V. The
second point (e.g. 10dB channel sep.) is then adjusted with the VSBL voltage.
Figure 26.
Internal stereoblend characteristics
The gain can be programmed through 4 bits in the “Stereodecoder-Adjustment”-byte. All
necessary internal reference voltages like REF5V are derived from a bandgap circuit.
Therefore they have a temperature coefficient near zero.
Figure 27.
Relation between internal and external LEVEL-voltages for setup of
Stereoblend
8.9
Highcut Control
The highcut control set-up is similar to the stereoblend control set-up: the starting point
VHCH can be set with 2 bits to be 42, 50, 58 or 66% of REF5V whereas the range can be
set to be 17, 22, 28 or 33% of VHCH (see Figure 28).
70
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com