Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7406 Datasheet(PDF) 23 Page - STMicroelectronics

Part # TDA7406
Description  Car radio signal processor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7406 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TDA7406 Datasheet HTML 19Page - STMicroelectronics TDA7406 Datasheet HTML 20Page - STMicroelectronics TDA7406 Datasheet HTML 21Page - STMicroelectronics TDA7406 Datasheet HTML 22Page - STMicroelectronics TDA7406 Datasheet HTML 23Page - STMicroelectronics TDA7406 Datasheet HTML 24Page - STMicroelectronics TDA7406 Datasheet HTML 25Page - STMicroelectronics TDA7406 Datasheet HTML 26Page - STMicroelectronics TDA7406 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 64 page
background image
TDA7406
Description of the audioprocessor part
23/64
Figure 12.
Superposition of all EQ bands @ boost = 15dB
4.6.2
DC-Mode
The filter stage 1 (62/100Hz) has a programmable +4dB DC-gain when the boost is set at
+15dB (See Figure 13).
Figure 13.
EQ band1, normal- and DC-mode @ boost = 15 dB, fCenter = 62 Hz
Note:
The center frequency, Q, DC-mode and boost/cut can be set fully independently for each
filter.
4.7
Subwoofer Application
There is one separate subwoofer output. A low-pass filter stage at this output allows the
selection of three different frequencies: 80/120/160Hz. A high Pass Filter stage is present in
the main path with selectable 90/135/180/215Hz frequencies. Both filters, the low-pass as
well as the high-pass filter can be disabled and have butterworth characteristics so that their
10
20k
100
1k
Hz
0
2
18
4
16
6
14
8
12
10
dB
1
10K
10
1K
100
Hz
-1
16
0
14
2
12
4
10
6
8
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com